전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8505 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8505
상세설명  SECAM encoder
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8505 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8505 Datasheet HTML 1Page - NXP Semiconductors TDA8505 Datasheet HTML 2Page - NXP Semiconductors TDA8505 Datasheet HTML 3Page - NXP Semiconductors TDA8505 Datasheet HTML 4Page - NXP Semiconductors TDA8505 Datasheet HTML 5Page - NXP Semiconductors TDA8505 Datasheet HTML 6Page - NXP Semiconductors TDA8505 Datasheet HTML 7Page - NXP Semiconductors TDA8505 Datasheet HTML 8Page - NXP Semiconductors TDA8505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
July 1994
5
Philips Semiconductors
Preliminary specification
SECAM encoder
TDA8505
VSSD
30
digital ground
LPF4.25
31
loop filter output for 4.25 MHz reference oscillator; connected to pin 17 (Vref) when
external tuning by crystal or signal source
VDDD
32
supply voltage for the digital part
SYMBOL
PIN
DESCRIPTION
handbook, halfpage
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
17
18
19
20
21
22
23
24
25
26
MLA952 - 3
MCONTR
FH/2
Y
TEST
R
VDDA
G
VDDD
LPF4.25
VSSD
CS
COLKIL
VCO4.25
XTAL/PLL
VIDENT
LPF4.4
VSSA
B
LPFDR
FADJ
LPFDB
FLT
V ref
CHROMA
V
SAND
CVBS
NOTCH
Y/Y SYNC
(B Y)
Y+SYNC OUT
(R Y)
Y+SYNC IN
TDA8505
ext
Fig.2 Pin configuration.


유사한 부품 번호 - TDA8505

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8501 PHILIPS-TDA8501 Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
TDA8501T PHILIPS-TDA8501T Datasheet
238Kb / 30P
   PAL/NTSC encoder
April 1993
More results

유사한 설명 - TDA8505

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TDA2506 ETC-TDA2506 Datasheet
719Kb / 11P
   SECAM ENCODER
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Synaptics Incorporated.
BT860-BT861 CONEXANT-BT860-BT861 Datasheet
1Mb / 111P
   Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
NXP Semiconductors
TDA8395 PHILIPS-TDA8395 Datasheet
58Kb / 10P
   SECAM decoder
October 1991
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
logo
List of Unclassifed Man...
TCA640 ETC1-TCA640 Datasheet
331Kb / 8P
   CHROMINANCE AMPLIFIER FOR SECAM OR PAL / SECAM DECODERS
TCA650 ETC-TCA650 Datasheet
317Kb / 8P
   CHROMINANCE DEMODULATOR FOR SECAM OR PAL / SECAM DECODERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com