전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8512 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8512
상세설명  26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8512 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8512 Datasheet HTML 1Page - NXP Semiconductors TDA8512 Datasheet HTML 2Page - NXP Semiconductors TDA8512 Datasheet HTML 3Page - NXP Semiconductors TDA8512 Datasheet HTML 4Page - NXP Semiconductors TDA8512 Datasheet HTML 5Page - NXP Semiconductors TDA8512 Datasheet HTML 6Page - NXP Semiconductors TDA8512 Datasheet HTML 7Page - NXP Semiconductors TDA8512 Datasheet HTML 8Page - NXP Semiconductors TDA8512 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
2001 Nov 16
5
Philips Semiconductors
Preliminary specification
26 W BTL and 2
× 13 W SE or
4
× 13 W SE power amplifier
TDA8512J
7
PINNING
SYMBOL
PIN
DESCRIPTION
INV1
1
non-inverting input 1
SGND
2
signal ground
INV2
3
non-inverting input 2
RR
4
supply voltage ripple rejection
VP1
5
supply voltage 1
OUT1
6
output 1
GND1
7
power ground 1
OUT2
8
output 2
REF
9
reference voltage input
OUT3
10
output 3
GND2
11
power ground 2
OUT4
12
output 4
VP2
13
supply voltage 2
MODE
14
mode select switch input
INV3
15
inverting input 3
INV3
16
non-inverting input 3
INV4
17
non-inverting input 4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
TDA8512J
INV1
SGND
INV2
INV4
RR
OUT1
GND1
OUT2
REF
OUT3
GND2
OUT4
MODE
INV3
VP1
VP2
MGW427
INV3
Fig.2 Pin configuration.


유사한 부품 번호 - TDA8512

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8510 PHILIPS-TDA8510 Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA8511 PHILIPS-TDA8511 Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
TDA8511J PHILIPS-TDA8511J Datasheet
80Kb / 16P
   4 x 13 W single-ended power amplifiers
2000 Mar 10
More results

유사한 설명 - TDA8512

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8510J PHILIPS-TDA8510J Datasheet
82Kb / 16P
   26 W BTL and 2 x 13 W SE power amplifiers
1999 Dec 14
TDA1517ATW PHILIPS-TDA1517ATW Datasheet
132Kb / 20P
   8 W BTL or 2 x 4 W SE power amplifier
2001 Apr 17
TDA1517ATW NXP-TDA1517ATW Datasheet
542Kb / 19P
   8 W BTL or 2 횞 4 W SE power amplifier
2001 Apr 17
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
TDA1519CJ NXP-TDA1519CJ Datasheet
1Mb / 22P
   22 W BTL or 2 x 11 W stereo power amplifier
2004 Jan 28
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
   4 x 13 W dual/quad power amplifier
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
   4 x 13 W dual/quad power amplifier
April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com