전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8542TS 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8542TS
상세설명  2 x 0.7 W BTL audio amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8542TS 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8542TS Datasheet HTML 1Page - NXP Semiconductors TDA8542TS Datasheet HTML 2Page - NXP Semiconductors TDA8542TS Datasheet HTML 3Page - NXP Semiconductors TDA8542TS Datasheet HTML 4Page - NXP Semiconductors TDA8542TS Datasheet HTML 5Page - NXP Semiconductors TDA8542TS Datasheet HTML 6Page - NXP Semiconductors TDA8542TS Datasheet HTML 7Page - NXP Semiconductors TDA8542TS Datasheet HTML 8Page - NXP Semiconductors TDA8542TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Mar 25
5
Philips Semiconductors
Product specification
2
× 0.7 W BTL audio amplifier
TDA8542TS
Headphone connection
A headphone can be connected to the amplifier using two
coupling capacitors for each channel. The common
GND pin of the headphone is connected to the ground of
the amplifier (see Fig.13). In this case the BTL/SE pin must
be either at a logic HIGH level or not connected at all.
The two coupling capacitors can be omitted if it is allowed
to connect the common GND pin of the headphone jack
not to ground, but to a voltage level of 1
2VCC. See Fig.4 for
the application diagram. In this case the BTL/SE pin must
be either at a logic LOW level or connected to ground.
If the BTL/SE pin is at a LOW level, the power amplifier for
the positive loudspeaker terminal is always in mute
condition.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
QUALITY SPECIFICATION
In accordance with
“SNW-FQ-611-E”.
THERMAL CHARACTERISTICS
Note
1. See Section “Thermal design considerations”.
Table 1
Maximum ambient temperature at different conditions
Note
1. See Section “Thermal design considerations”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
operating
−0.3
+18
V
VI
input voltage
−0.3
VCC + 0.3 V
IORM
repetitive peak output current
1A
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Vsc
AC and DC short-circuit safe voltage
10
V
Ptot
total power dissipation
1.12
W
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
110(1)
K/W
VCC
(V)
RL
(
Ω)
Po
(W)
CONTINUOUS SINE WAVE DRIVEN
Pmax
(W)
Tamb(max)
(
°C)
3.3
4
2
× 0.65
1.12
27(1)
3.3
8
2
× 0.55
0.60
84
58
2
× 1.2
1.33
(1)
516
2
× 0.70
0.80
62


유사한 부품 번호 - TDA8542TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8542T PHILIPS-TDA8542T Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
More results

유사한 설명 - TDA8542TS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS Datasheet
162Kb / 20P
   2 x 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
SA58637 PHILIPS-SA58637_15 Datasheet
164Kb / 22P
   2 x 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
SA58632 PHILIPS-SA58632 Datasheet
185Kb / 26P
   2 x 2.2 W BTL audio amplifier
Rev. 01-27 June 2006
TDA8542 PHILIPS-TDA8542 Datasheet
162Kb / 20P
   2 x 1 W BTL audio amplifier
1998 Apr 01
SA58637 NXP-SA58637 Datasheet
155Kb / 22P
   2 X 2.2 W BTL audio amplifier
Rev. 01-25 February 2008
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
   2 x 1.5 W BTL audio amplifier
1998 Mar 25
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
   2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
TDA7057Q PHILIPS-TDA7057Q Datasheet
56Kb / 9P
   2 x 3 W stereo BTL audio output amplifier
May 1992
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
   2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com