전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC622 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC622
상세설명  Low Cost Single Trip Point Temperature Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC622 데이터시트(HTML) 5 Page - Microchip Technology

  TC622_06 Datasheet HTML 1Page - Microchip Technology TC622_06 Datasheet HTML 2Page - Microchip Technology TC622_06 Datasheet HTML 3Page - Microchip Technology TC622_06 Datasheet HTML 4Page - Microchip Technology TC622_06 Datasheet HTML 5Page - Microchip Technology TC622_06 Datasheet HTML 6Page - Microchip Technology TC622_06 Datasheet HTML 7Page - Microchip Technology TC622_06 Datasheet HTML 8Page - Microchip Technology TC622_06 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2006 Microchip Technology Inc.
DS21440C-page 5
TC622/TC624
3.0
DETAILED DESCRIPTION
3.1
Trip Point Programming
When the temperature of the device exceeds the pro-
grammed temperature trip point, TSET, the OUT and
OUT outputs are driven into their active states. The
desired trip point temperature is programmed with a
single external resistor connected between the TSET
input and VCC. The relationship between the resistor
value and the trip point temperature is given by
Equation 3-1.
EQUATION 3-1:
For example, as shown in Figure 3-1, to program the
device to trip at 50°C, the programming resistor is:
FIGURE 3-1:
Programming Resistor
Values vs. Temperature
3.2
Hysteresis
To prevent output “chattering” at the trip point tempera-
ture, the temperature detector in the TC622/TC624 has
2°C hysteresis (see Figure 3-2). The outputs are driven
active when the temperature crosses the set point
determined by the external resistor. As temperature
declines below the set point, the hysteresis action will
hold the outputs true until the temperature drops 2°C
below the threshold.
FIGURE 3-2:
TC622/TC624 Hysteresis
RTRIP = 0.5997 x T
2.1312
Where:
RTRIP = Programming resistor value in Ohms
T = Desired trip temperature in degrees Kelvin.
RTRIP = 0.5997 x ((50 + 273.15)
2.1312) = 133.65 k
Ω
TEMPERATURE (°C)
-55
-35
-15
5
25
45
65
85
105
125
50
100
150
200
250
Set Point
Temperature
OUT
(Set Point – 2 Degrees C)
OUT


유사한 부품 번호 - TC622_06

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TC622.EC-A TAI-SAW-TC622.EC-A Datasheet
197Kb / 3P
   SAW One-Port Resonator 622.080 MHz SMD 3.8X3.8
REV. NO.:3
logo
SHENZHEN FUMAN ELECTRON...
TC6221 FUMAN-TC6221 Datasheet
526Kb / 10P
   Infrared remote control transmitter IC
TC6222 FUMAN-TC6222 Datasheet
526Kb / 10P
   Infrared remote control transmitter IC
logo
TelCom Semiconductor, I...
TC622COA TELCOM-TC622COA Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622COA MICROCHIP-TC622COA Datasheet
445Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2002
More results

유사한 설명 - TC622_06

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC622 TELCOM-TC622 Datasheet
42Kb / 3P
   LOW COST, SINGLE TRIP POINT TEMPERATURE SENSOR
logo
Microchip Technology
TC622 MICROCHIP-TC622 Datasheet
445Kb / 14P
   Low Cost Single Trip Point Temperature Sensor
2002
logo
ON Semiconductor
NCT22 ONSEMI-NCT22 Datasheet
96Kb / 8P
   Low Cost Single Trip Point Temperature Sensor
June, 2002 ??Rev. 1
logo
Microchip Technology
TC622 MICROCHIP-TC622_13 Datasheet
202Kb / 16P
   Low Cost Single Trip Point Temperature Sensor
2001-2012 11/29/12
TC623 MICROCHIP-TC623_13 Datasheet
141Kb / 12P
   3V, Dual Trip Point Temperature Sensor
11/29/12 2001-2012
TC623 MICROCHIP-TC623_06 Datasheet
239Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2006
logo
ON Semiconductor
MC623 ONSEMI-MC623 Datasheet
71Kb / 4P
   3V, Dual Trip Point Temperature Sensor
February, 2000 ??Rev. 0
logo
Microchip Technology
TC623 MICROCHIP-TC623 Datasheet
422Kb / 12P
   3V, Dual Trip Point Temperature Sensor
2002
logo
TelCom Semiconductor, I...
TC623 TELCOM-TC623 Datasheet
41Kb / 3P
   3V, DUAL TRIP POINT TEMPERATURE SENSOR
logo
ON Semiconductor
MC642.REV3 ONSEMI-MC642.REV3 Datasheet
65Kb / 5P
   3.0 V, Dual Trip Point Temperature Sensor
February, 2003 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com