전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8561Q 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TDA8561Q
상세설명  2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8561Q 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TDA8561Q Datasheet HTML 7Page - NXP Semiconductors TDA8561Q Datasheet HTML 8Page - NXP Semiconductors TDA8561Q Datasheet HTML 9Page - NXP Semiconductors TDA8561Q Datasheet HTML 10Page - NXP Semiconductors TDA8561Q Datasheet HTML 11Page - NXP Semiconductors TDA8561Q Datasheet HTML 12Page - NXP Semiconductors TDA8561Q Datasheet HTML 13Page - NXP Semiconductors TDA8561Q Datasheet HTML 14Page - NXP Semiconductors TDA8561Q Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1999 Jun 30
11
Philips Semiconductors
Product specification
2
× 24 W BTL or 4 × 12 W single-ended
car radio power amplifier
TDA8561Q
TEST AND APPLICATION INFORMATION
Fig.8 Stereo BTL application diagram.
handbook, full pagewidth
MEA862 - 2
100
nF
16
5
13
220 nF
1
6
8
711
VP
TDA8561Q
TDA8564Q
2200
µF
60
k
2
ground (signal)
10
k
14
9
not connected
3
inverting input 2
60
k
60
k
reference
voltage
220 nF
17
12
60
k
non-inverting
input 4
4
15
10
power ground (substrate)
non- inverting
input 1
supply voltage
ripple rejection
inverting input 3
diagnostic
mode
switch


유사한 부품 번호 - TDA8561Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

유사한 설명 - TDA8561Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
   24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1516BQ PHILIPS-TDA1516BQ Datasheet
95Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1518BQ PHILIPS-TDA1518BQ Datasheet
80Kb / 11P
   24 W BTL or 2 x 12 watt stereo car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA1519A PHILIPS-TDA1519A Datasheet
141Kb / 14P
   22 W BTL or 2 x 11 W stereo car radio power amplifier
May 1992
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com