전자부품 데이터시트 검색엔진 |
|
TC4428AEUA713 데이터시트(PDF) 10 Page - Microchip Technology |
|
TC4428AEUA713 데이터시트(HTML) 10 Page - Microchip Technology |
10 / 18 page TC4426A/TC4427A/TC4428A DS21423F-page 10 © 2006 Microchip Technology Inc. 5.0 PACKAGING INFORMATION 5.1 Package Marking Information XXXXXXXX XXXXXNNN YYWW 8-Lead PDIP (300 mil) Example: Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, traceability code (facility code, mask rev#, and assembly code). TC4427A EPA256 0420 8-Lead SOIC (150 mil) Example: XXXXXXXX XXXXYYWW NNN TC4428A COA0420 256 8-Lead MSOP Example: XXXXX YWWNNN 4426AE 420256 8-Lead DFN Example : XXXXXXX XXXXXXX XXYYWW NNN TC4426A EMF 0420 256 |
유사한 부품 번호 - TC4428AEUA713 |
|
유사한 설명 - TC4428AEUA713 |