전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC962COE 데이터시트(PDF) 6 Page - Microchip Technology

부품명 TC962COE
상세설명  High Current Charge Pump DC-to-DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC962COE 데이터시트(HTML) 6 Page - Microchip Technology

Back Button TC962COE Datasheet HTML 2Page - Microchip Technology TC962COE Datasheet HTML 3Page - Microchip Technology TC962COE Datasheet HTML 4Page - Microchip Technology TC962COE Datasheet HTML 5Page - Microchip Technology TC962COE Datasheet HTML 6Page - Microchip Technology TC962COE Datasheet HTML 7Page - Microchip Technology TC962COE Datasheet HTML 8Page - Microchip Technology TC962COE Datasheet HTML 9Page - Microchip Technology TC962COE Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC962
DS21484C-page 6
© 2006 Microchip Technology Inc.
4.0
TYPICAL CHARACTERISTICS
Circuit of Figure , CP = CR = 10 μF, CPESR ≈ CRESR ≈ 1Ω.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
700
600
500
400
300
200
100
-60 -40 -20
0
20 40
60 80 100 120 140
TEMPERATURE (°C)
-60 -40 -20
0
20
40 60 80 100 120 140
TEMPERATURE (°C)
Supply Current vs. Temperature
0
10k
1k
100
1
10
100
1000
10,000
CAPACITANCE (pF)
Oscillator Frequency vs. C
10
OSC
TA = +25°C
20
18
16
14
12
10
8
Frequency vs. Temperature
6
V = 15V
+
V = 15V
+
COSC = FREQ x 2 = OPEN
-60 -40 -20
0
20
40 60 80 100 120 140
TEMPERATURE (°C)
80
70
60
50
40
30
20
Output Resistance vs. Temperature
10
50
4.5
ZENER VOLTAGE (V)
Current vs. Zener Voltage
4.0
5.5
6.0
6.5
7.0
40
30
20
10
0
100
LOAD CURRENT (mA)
Power Conversion Efficiency vs. I
16
32
48
64
80
80
60
40
20
90
70
50
30
10
0
824
40
56
72
LOAD
150
120
90
60
30
135
105
75
45
15
0
V = 5V IL = 3 mA
+
V = 15V IL = 20 mA
+
TA = +25°C
TA = +25°C
EFFICIENCY
SUPPLY
CURRENT
100
INPUT VOLTAGE (V)
Output Resistance vs. Input Voltage
4
8
12
16
20
80
60
40
20
90
70
50
30
10
2
6
10
14
18
0
110
TA = +25°C
3
μA
20
μA


유사한 부품 번호 - TC962COE

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC962COE TELCOM-TC962COE Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962COE MICROCHIP-TC962COE Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
TC962COE MICROCHIP-TC962COE Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
More results

유사한 설명 - TC962COE

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
   High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com