전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8565Q 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8565Q
상세설명  4 x 12 W single-ended car radio power amplifier with diagnostic interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8565Q 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8565Q Datasheet HTML 3Page - NXP Semiconductors TDA8565Q Datasheet HTML 4Page - NXP Semiconductors TDA8565Q Datasheet HTML 5Page - NXP Semiconductors TDA8565Q Datasheet HTML 6Page - NXP Semiconductors TDA8565Q Datasheet HTML 7Page - NXP Semiconductors TDA8565Q Datasheet HTML 8Page - NXP Semiconductors TDA8565Q Datasheet HTML 9Page - NXP Semiconductors TDA8565Q Datasheet HTML 10Page - NXP Semiconductors TDA8565Q Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
1995 Dec 08
7
Philips Semiconductors
Product specification
4
× 12 W single-ended car radio
power amplifier with diagnostic interface
TDA8565Q
DC CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in Fig.14; unless otherwise specified.
Notes
1. The circuit is DC adjusted at VP = 6 to 18 V and AC operating at VP = 8.5 to 18 V.
2. At 18V<VP < 30 V the DC output voltage ≤12VP.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
note 1
6.0
14.4
18.0
V
Iq
quiescent current
88
160
mA
VO
DC output voltage
note 2
6.95
V
Mute select switch
V14
switch-on voltage level
8.5
−−
V
MUTE CONDITION
Vmute
mute voltage
3.3
6.4
V
VO
output signal in mute position
VI(max) = 1 V; f = 1 kHz
−−
2mV
STANDBY CONDITION
Vsb
DC voltage in standby condition
0
2V
Isb
DC current in standby condition
−−
100
µA
Vsw
switch-on current
12
40
µA
Diagnostic output (pin 16)
VDIAG
diagnostic output voltage
any short-circuit or clipping
−−
0.6
V
Fig.7 Quiescent current as a function of supply voltage.
handbook, full pagewidth
18
100
60
8
1012
1416
MGA714
68
76
84
92
V
(V)
P
Iq
(mA)


유사한 부품 번호 - TDA8565Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8560 PHILIPS-TDA8560 Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8561 PHILIPS-TDA8561 Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
More results

유사한 설명 - TDA8565Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8562Q PHILIPS-TDA8562Q Datasheet
123Kb / 16P
   4 x 12 W single-ended car radio power amplifier with dynamic distortion detector and diagnostic interface
July 1994
TDA8561Q PHILIPS-TDA8561Q Datasheet
117Kb / 24P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
1999 Jun 30
TDA8564Q PHILIPS-TDA8564Q Datasheet
81Kb / 15P
   2 x 24 W BTL or 4 x 12 W single-ended car radio power amplifier
February 1995
TDA1558Q PHILIPS-TDA1558Q Datasheet
100Kb / 11P
   2 x 22 W or 4 x 11 W single-ended car radio power amplifier
May 1992
TDA1020 PHILIPS-TDA1020 Datasheet
69Kb / 9P
   12 W car radio power amplifier
November 1982
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA8561Q PHILIPS-TDA8561Q_15 Datasheet
133Kb / 24P
   2 X24 W BTL or 4 X12 W single-ended car radio power amplifier
1999 Jun 30
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8571J PHILIPS-TDA8571J Datasheet
256Kb / 20P
   4 x 40 W BTL quad car radio power amplifier
1998 Mar 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com