전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

TDA8566Q 데이터시트(HTML) 8 Page - NXP Semiconductors

부품명 TDA8566Q
상세내용  2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo 

TDA8566Q 데이터시트(HTML) 8 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 8 / 12 page
background image
1998 Sep 23
8
Philips Semiconductors
Product specification
2
× 25 W BTL stereo car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566Q
Notes
1. Frequency response externally fixed.
2. Vripple =Vripple(max) = 2 V (p-p), Rs =0 Ω.
3. Dynamic Distortion Detector (DDD) active, pin 4 is low.
4. Common mode rejection ratio measured at the output (over RL) with both inputs tied together,
Vcommon ≤ 3.5 V (RMS), f = 100 Hz to 10 kHz, Rs =0 Ω.
5. Common mode rejection ratio measured at the output (over RL) with both inputs tied together, Vcommon ≤3.5 V (RMS),
f = 1 kHz, Rs =45kΩ. The mismatch of the input coupling capacitors is excluded.
SVRR
supply voltage ripple
rejection
on; note 2
50
−−
dB
mute; note 2
50
−−
dB
standby; note 2
80
−−
dB
Zi
input impedance
differential
100
120
150
k
single-ended
50
60
75
k
∆Z
i
input impedance mismatch
2
%
Vno
noise output voltage
on; B = 20 Hz to 20 kHz;
Rs =0 Ω
85
120
µV
on; B = 20 Hz to 20 kHz;
Rs =10kΩ
100
−µV
mute; B = 20 Hz to 20 kHz;
independent of Rs
60
−µV
α
cs
channel separation
Pout =16W; Rs =10kΩ
45
−−
dB
∆Gv
channel unbalance
−−
1dB
Vo
output signal voltage in
mute
Vi =Vi(max) = 1 V (RMS)
−−
2mV
THD
total harmonic distortion
note 3; V4 = 0.6 V
8
%
CMRR
common mode rejection
ratio
Rs =0 Ω; note 4
60
75
dB
Rs =45kΩ, note 5
40
−−
dB
Pout
output power
THD = 0.5%; RL =2 Ω−
30
W
THD = 10%; RL =2 Ω−
40
W
THD = 30%; RL =2 Ω−
55
W
VP = 13.5 V; THD = 0.5%;
RL =2 Ω
25
W
VP = 13.5 V; THD = 10%;
RL =2 Ω
35
W
THD
total harmonic distortion
Pout =1W; RL =2 Ω−
0.1
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn