전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8566Q 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TDA8566Q
상세설명  2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566Q 데이터시트(HTML) 3 Page - NXP Semiconductors

  TDA8566Q Datasheet HTML 1Page - NXP Semiconductors TDA8566Q Datasheet HTML 2Page - NXP Semiconductors TDA8566Q Datasheet HTML 3Page - NXP Semiconductors TDA8566Q Datasheet HTML 4Page - NXP Semiconductors TDA8566Q Datasheet HTML 5Page - NXP Semiconductors TDA8566Q Datasheet HTML 6Page - NXP Semiconductors TDA8566Q Datasheet HTML 7Page - NXP Semiconductors TDA8566Q Datasheet HTML 8Page - NXP Semiconductors TDA8566Q Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Sep 23
3
Philips Semiconductors
Product specification
2
× 25 W BTL stereo car radio power amplifier
with differential inputs and diagnostic outputs
TDA8566Q
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
+
+
CM
VA
(9
×)
2.3 k
2.3
k
mute
switch
+
+
CM
VA
VA
1
×
standby
reference
voltage
standby
switch
mute
reference
voltage
Vref
mute
switch
CLIP
(9
×)
2.3 k
2.3
k
60
k
60
k
60
k
60
k
mute
switch
+
+
CM
VA
(9
×)
2.3 k
2.3
k
mute
switch
+
+
CM
VA
11
7
12
10
15
4
TDA8566Q
14
8
6
13
5
1
2
3
16
17
VP2
VP1
PGND2
PGND1
OUT2
OUT2
+
OUT1
OUT1
+
IN1
IN1
+
IN2
IN2
+
SGND
n.c.
DIAG
MODE
CLIP
MGD105
(9
×)
2.3 k
2.3
k
mute
switch
9
DIAG


유사한 부품 번호 - TDA8566Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8566Q NXP-TDA8566Q Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

유사한 설명 - TDA8566Q

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8566 PHILIPS-TDA8566_15 Datasheet
137Kb / 21P
   2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1557Q NXP-TDA1557Q Datasheet
67Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier with speaker protection
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com