전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8571J 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA8571J
상세설명  4 x 40 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8571J 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA8571J Datasheet HTML 5Page - NXP Semiconductors TDA8571J Datasheet HTML 6Page - NXP Semiconductors TDA8571J Datasheet HTML 7Page - NXP Semiconductors TDA8571J Datasheet HTML 8Page - NXP Semiconductors TDA8571J Datasheet HTML 9Page - NXP Semiconductors TDA8571J Datasheet HTML 10Page - NXP Semiconductors TDA8571J Datasheet HTML 11Page - NXP Semiconductors TDA8571J Datasheet HTML 12Page - NXP Semiconductors TDA8571J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 Mar 13
9
Philips Semiconductors
Preliminary specification
4 x 40 W BTL quad car radio power
amplifier
TDA8571J
AC CHARACTERISTICS
VP = 14.4 V; RL =4 Ω; f = 1 kHz; Tamb =25 °C; measured in Fig.7; unless otherwise specified.
Notes
1. Dynamic Distortion Detector (DDD) active, pin 9 is set to logic 0.
2. Frequency response externally fixed.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Po
output power
THD = 0.5%
16
19
W
THD = 10%
21
26
W
VP = 13.7 V; THD = 0.5%
17.5
W
VP = 13.7 V; THD = 10%
23
W
Po(max)
maximum output power
THD = maximum; Vi = 2 V (p-p)
square wave
34
40
W
THD
total harmonic distortion
Po =1W
0.1
%
V9 = 0.6 V; note 1
10
%
Bp
power bandwidth
THD = 0.5%; Po = −1dB
with respect to 16 W
20 to
20000
Hz
fro(l)
low frequency roll-off
at
−1 dB; note 2
25
Hz
fro(h)
high frequency roll-off
at
−1dB
20
−−
kHz
Gv(cl)
closed-loop voltage gain
33
34
35
dB
SVRR
supply voltage ripple rejection on; Rs =0 Ω;
Vripple =Vripple(max) = 2 V (p-p)
40
−−
dB
mute; Rs =0 Ω;
Vripple =Vripple(max) = 2 V (p-p)
50
−−
dB
standby; Rs =0 Ω;
Vripple =Vripple(max) = 2 V (p-p)
80
−−
dB
Z
i
input impedance
25
30
38
k
Vn(o)
noise output voltage
on; Rs =0 Ω;
B=20Hzto20kHz
125
170
µV
on; Rs =10kΩ;
B=20Hzto20kHz
150
−µV
mute; B = 20 Hz to 20 kHz;
independent of Rs
100
−µV
α
cs
channel separation
Po = 16 W; Rs =10kΩ
45
−−
dB
∆G
v
channel unbalance
−−
1dB
Vo
output signal in mute
Vi =Vi(max) = 1 V (RMS)
−−
2mV


유사한 부품 번호 - TDA8571J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8575T PHILIPS-TDA8575T Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
More results

유사한 설명 - TDA8571J

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com