전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8571 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8571
상세설명  4 x 40 W BTL quad car radio power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8571 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8571 Datasheet HTML 3Page - NXP Semiconductors TDA8571 Datasheet HTML 4Page - NXP Semiconductors TDA8571 Datasheet HTML 5Page - NXP Semiconductors TDA8571 Datasheet HTML 6Page - NXP Semiconductors TDA8571 Datasheet HTML 7Page - NXP Semiconductors TDA8571 Datasheet HTML 8Page - NXP Semiconductors TDA8571 Datasheet HTML 9Page - NXP Semiconductors TDA8571 Datasheet HTML 10Page - NXP Semiconductors TDA8571 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1998 Mar 13
7
Philips Semiconductors
Preliminary specification
4 x 40 W BTL quad car radio power
amplifier
TDA8571J
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
18
V
non-operating
30
V
load dump protection;
during 50 ms; tr ≥ 2.5 ms
45
V
Vsc(safe)
short-circuit safe voltage
18
V
Vrp
reverse polarity voltage
6V
IOSM
non-repetitive peak output current
10
A
IORM
repetitive peak output current
7.5
A
Ptot
total power dissipation
60
W
Tstg
storage temperature
−55
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
Tvj
virtual junction temperature
150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air
40
K/W
Rth j-c
thermal resistance from junction to case (see Fig.6)
1
K/W
handbook, halfpage
3.2 K/W
0.2 K/W
3.2 K/W
3.2 K/W
3.2 K/W
virtual junction
OUT1
OUT2
OUT3
OUT4
case
MGG157
Fig.6 Equivalent thermal resistance network.


유사한 부품 번호 - TDA8571

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8574 PHILIPS-TDA8574 Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8574T PHILIPS-TDA8574T Datasheet
141Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
TDA8575 PHILIPS-TDA8575 Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8575T PHILIPS-TDA8575T Datasheet
114Kb / 16P
   Ground noise isolation amplifier
1996 Jul 29
TDA8576T PHILIPS-TDA8576T Datasheet
132Kb / 16P
   Class-H high-output voltage level line driver
1998 Oct 16
More results

유사한 설명 - TDA8571

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
   4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
TDA8569Q PHILIPS-TDA8569Q_15 Datasheet
206Kb / 18P
   4X40 W BTL quad car radio power amplifier
2003 Aug 08
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
   24 W BTL car radio power amplifier
July 1994
TDA8591J PHILIPS-TDA8591J Datasheet
295Kb / 36P
   4 X 44 W into 4 or 4 X 75 W into 2 quad BTL car radio power amplifier
2002 Jan 14
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com