전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8581 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TDA8581
상세설명  Multi-purpose high-gain power amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8581 데이터시트(HTML) 4 Page - NXP Semiconductors

  TDA8581 Datasheet HTML 1Page - NXP Semiconductors TDA8581 Datasheet HTML 2Page - NXP Semiconductors TDA8581 Datasheet HTML 3Page - NXP Semiconductors TDA8581 Datasheet HTML 4Page - NXP Semiconductors TDA8581 Datasheet HTML 5Page - NXP Semiconductors TDA8581 Datasheet HTML 6Page - NXP Semiconductors TDA8581 Datasheet HTML 7Page - NXP Semiconductors TDA8581 Datasheet HTML 8Page - NXP Semiconductors TDA8581 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1998 May 27
4
Philips Semiconductors
Preliminary specification
Multi-purpose high-gain power amplifier
TDA8581
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
MGL141
30 k
45 k
45
k
45
k
60
k
60
k
BUFFER
INTERFACE
DIAGNOSTIC
5
13
6
MUTE
STANDBY
DIAG
BUFFER
Vpx
Vpx
OA
45 k
+
+
OA
V/I
+
+
V/I
45 k
60
k
60
k
OA
45 k
+
+
OA
V/I
+
+
V/I
7
IN1
8
IN2
10
12
11
IN3
IN5
IN4
1
4
9
14
17
OUT4
+
OUT3
BUFFER
OUT2
OUT1
+
3
15
VP1
VP2
216
PGND1
PGND2
TDA8581


유사한 부품 번호 - TDA8581

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
TDA8586 PHILIPS-TDA8586 Datasheet
138Kb / 24P
   Power amplifier with load detection and auto BTL/SE selection
1999 Apr 08
TDA8588AJ PHILIPS-TDA8588AJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8588BJ PHILIPS-TDA8588BJ Datasheet
296Kb / 54P
   I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
More results

유사한 설명 - TDA8581

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8580 PHILIPS-TDA8580 Datasheet
144Kb / 20P
   Multi-purpose power amplifier
1998 Feb 25
TDA8580J PHILIPS-TDA8580J Datasheet
181Kb / 28P
   Multi-purpose power amplifier
2000 Apr 18
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
   MMIC, High Gain Power Amplifier
logo
Pasternack Enterprises,...
PE15A5001 PASTERNACK-PE15A5001 Datasheet
476Kb / 6P
   High Power High Gain Amplifier, SMA
logo
List of Unclassifed Man...
MTI04BS ETC1-MTI04BS Datasheet
271Kb / 10P
   MULTI-CHANNEL PROGRAMMABLE GAIN TRANSIMPEDANCE AMPLIFIER
logo
NTE Electronics
NTE90 NTE-NTE90 Datasheet
19Kb / 2P
   Silicon Complementary Transistors General Purpose High Gain Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
   2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
   2.4 GHz High-Power, High-Gain Power Amplifier
logo
List of Unclassifed Man...
SST12LP19E-QX8E ETC2-SST12LP19E-QX8E Datasheet
384Kb / 21P
   2.4 GHz High-Power, High-Gain Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com