전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK11C88 데이터시트(PDF) 5 Page - Simtek Corporation

부품명 STK11C88
상세설명  32Kx8 SoftStore nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK11C88 데이터시트(HTML) 5 Page - Simtek Corporation

  STK11C88 Datasheet HTML 1Page - Simtek Corporation STK11C88 Datasheet HTML 2Page - Simtek Corporation STK11C88 Datasheet HTML 3Page - Simtek Corporation STK11C88 Datasheet HTML 4Page - Simtek Corporation STK11C88 Datasheet HTML 5Page - Simtek Corporation STK11C88 Datasheet HTML 6Page - Simtek Corporation STK11C88 Datasheet HTML 7Page - Simtek Corporation STK11C88 Datasheet HTML 8Page - Simtek Corporation STK11C88 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
STK11C88
February 2007
Document Control #ML0012 Rev 0.3
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V + 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ V
IH during address transitions.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK11C88-25
STK11C88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
17
tAVEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
15
tDVEH
19
tEHAX
16
tEHDX


유사한 부품 번호 - STK11C88

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
logo
Cypress Semiconductor
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
STK11C88-3N25 SIMTEK-STK11C88-3N25 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
More results

유사한 설명 - STK11C88

제조업체부품명데이터시트상세설명
logo
Simtek Corporation
STK11C88 SIMTEK-STK11C88_08 Datasheet
368Kb / 16P
   32Kx8 SoftStore nvSRAM
STK15C88 SIMTEK-STK15C88 Datasheet
397Kb / 14P
   32Kx8 PowerStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK11C68 SIMTEK-STK11C68 Datasheet
475Kb / 16P
   8Kx8 SoftStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK15C88 SIMTEK-STK15C88_08 Datasheet
377Kb / 15P
   32Kx8 PowerStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com