전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK10C68-5K45I 데이터시트(PDF) 1 Page - Simtek Corporation

부품명 STK10C68-5K45I
상세설명  8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIMTEK [Simtek Corporation]
홈페이지  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK10C68-5K45I 데이터시트(HTML) 1 Page - Simtek Corporation

  STK10C68-5K45I Datasheet HTML 1Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 2Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 3Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 4Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 5Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 6Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 7Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 8Page - Simtek Corporation STK10C68-5K45I Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2006
1
Document Control # ML0006 rev 0.2
STK10C68
STK10C68-M SMD#5962-93056
8K x 8 nvSRAM
QuantumTrap™ CMOS
Nonvolatile Static RAM
Obsolete - Not Recommend for new Designs
FEATURES
• 25ns, 35ns, 45ns and 55ns Access Times
• STORE to Nonvolatile Elements Initiated by
Hardware
• RECALL to SRAM Initiated by Hardware or
Power Restore
• Automatic STORE Timing
• 10mA Typical I
CC at 200ns Cycle Time
• Unlimited READ, WRITE and RECALL Cycles
• 1,000,000 STORE Cycles to Nonvolatile Ele-
ments (Industrial/Commercial)
• 100-Year Data Retention (Industrial/Commer-
cial)
• Commercial, Industrial and Military Tempera-
tures
• 28-Pin DIP, SOIC and LCC Packages
DESCRIPTION
The Simtek STK10C68 is a fast static RAM with a nonvol-
atile element incorporated in each static memory cell. The
SRAM
can be read and written an unlimited number of
times, while independent nonvolatile data resides in
Non-
volatile Elements. Data may easily be transferred from
the SRAM to the
Nonvolatile Elements (the STORE oper-
ation
), or from the
Nonvolatile Elements to the SRAM
(the RECALL operation), using the NE pin.
Transfers
from the Nonvolatile Elements to the SRAM (the
RECALL
operation) also take place automatically on
restoration of power. The STK10C68 combines the high
performance and ease of use of a fast SRAM with nonvol-
atile data integrity.
The STK10C68 features industry-standard pinout for non-
volatile RAMs. MIL-STD-883 and Standard Military Draw-
ing (SMD #5962-93056) devices are available.
BLOCK DIAGRAM
COLUMN I/O
COLUMN DEC
STATIC RAM
ARRAY
128 x 512
QUANTUM TRAP
128 x 512
STORE/
RECALL
CONTROL
STORE
RECALL
A11
A7
A8
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
G
E
W
A6
A5
A3
A2
A0 A1
A10
A12
A9
NE
A4
PIN NAMES
A0 - A12
Address Inputs
W
Write Enable
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
NE
Nonvolatile Enable
VCC
Power (+ 5V)
VSS
Ground
PIN CONFIGURATIONS
NE
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
NC
A8
A9
A11
G
W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
28 - LCC
28 - DIP
28 - SOIC


유사한 부품 번호 - STK10C68-5K45I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK10C68-5K45I ETC1-STK10C68-5K45I Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

유사한 설명 - STK10C68-5K45I

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STK10C68 ETC1-STK10C68 Datasheet
332Kb / 12P
   8K X 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK11C68 ETC-STK11C68 Datasheet
58Kb / 10P
   8K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK16C68 ETC1-STK16C68 Datasheet
100Kb / 9P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C68 SIMTEK-STK16C68 Datasheet
380Kb / 10P
   8K x 8 AutoStorePlus??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 ETC-STK11C48 Datasheet
282Kb / 10P
   2K x 8 nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK20C04 SIMTEK-STK20C04 Datasheet
428Kb / 12P
   512 x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK10C48 SIMTEK-STK10C48 Datasheet
429Kb / 12P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK11C48 SIMTEK-STK11C48 Datasheet
368Kb / 10P
   2K x 8 nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com