전자부품 데이터시트 검색엔진 |
|
STK10C68-5L55 데이터시트(PDF) 3 Page - Simtek Corporation |
|
STK10C68-5L55 데이터시트(HTML) 3 Page - Simtek Corporation |
3 / 12 page STK10C68 March 2006 3 Document Control # ML0006 rev 0.2 SRAM READ CYCLES #1 & #2 (VCC = 5.0V ± 10%) Note f: W must be high during SRAM READ cycles and low during SRAM WRITE cycles. NE must be high during entire cycle. Note g: I/O state assumes E, G < VIL, W > VIH , and NE ≥ VIH; device is continuously selected. Note h: Measured + 200mV from steady state output voltage. SRAM READ CYCLE #1: Address Controlledf, g SRAM READ CYCLE #2: E Controlledf NO. SYMBOLS PARAMETER STK10C68-25 STK10C68-35 STK10C68-45 STK10C68-55 UNITS #1, #2 Alt. MIN MAX MIN MAX MIN MAX MIN MAX 1 tELQV tACS Chip Enable Access Time 25 35 45 55 ns 2 tAVAV f tRC Read Cycle Time 25 35 45 55 ns 3 tAVQV g tAA Address Access Time 25 35 45 55 ns 4 tGLQV tOE Output Enable to Data Valid 10 15 20 25 ns 5 tAXQX g tOH Output Hold after Address Change 5 5 5 5 ns 6 tELQX tLZ Chip Enable to Output Active 5 5 5 5 ns 7 tEHQZ h tHZ Chip Disable to Output Inactive 10 10 12 12 ns 8 tGLQX tOLZ Output Enable to Output Active 0 0 0 0 ns 9 tGHQZ h tOHZ Output Disable to Output Inactive 10 10 12 12 ns 10 tELICCH e tPA Chip Enable to Power Active 0 0 0 0 ns 11 tEHICCL d, e tPS Chip Disable to Power Standby 25 35 45 55 ns DATA VALID 5 tAXQX 3 tAVQV DQ (DATA OUT) ADDRESS 2 tAVAV 6 tELQX STANDBY DATA VALID 8 tGLQX 4 tGLQV DQ (DATA OUT) E ADDRESS 2 tAVAV G ICC ACTIVE 1 tELQV 10 tELICCH 11 tEHICCL 7 tEHQZ 9 tGHQZ |
유사한 부품 번호 - STK10C68-5L55 |
|
유사한 설명 - STK10C68-5L55 |