전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8784H 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA8784H
상세설명  18 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8784H 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA8784H Datasheet HTML 5Page - NXP Semiconductors TDA8784H Datasheet HTML 6Page - NXP Semiconductors TDA8784H Datasheet HTML 7Page - NXP Semiconductors TDA8784H Datasheet HTML 8Page - NXP Semiconductors TDA8784H Datasheet HTML 9Page - NXP Semiconductors TDA8784H Datasheet HTML 10Page - NXP Semiconductors TDA8784H Datasheet HTML 11Page - NXP Semiconductors TDA8784H Datasheet HTML 12Page - NXP Semiconductors TDA8784H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Sep 21
9
Philips Semiconductors
Product specification
18 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8784
thd2
hold time of IND compared to
control pulse SHD
see Fig.5
1
ns
tset(CDS)
CDS settling time
see Fig.12; control DAC 4 bits
input code; AGC gain=0dB;
fcut(AGC) = 54 MHz;
Vi(CDS) = 1200 mV (p-p)
black-to-white transition in 1
pixel (1 LSB typ.)
0000
12
ns
0001
25
ns
0010
45
ns
0011
55
ns
0100
105
ns
0111
140
ns
1000
270
ns
1011
300
ns
1111
365
ns
Amplifier outputs
GAMPOUT
output amplifier gain
6
dB
ZAMPOUT
output amplifier impedance
300
−Ω
VAMPOUT(p-p)
output amplifier dynamic
voltage (peak-to-peak value)
2.4
V
VAMPOUT(bl)
output amplifier black level
voltage
1.5
V
VAGCOUT(p-p)
AGC output amplifier dynamic
voltage level (peak-to-peak
value)
2000
mV
VAGCOUT
AGC output amplifier
black level voltage
Vref connected to DACOUT
Vref
V
ZAGCOUT
AGC output amplifier output
impedance
at 10 kHz
5
−Ω
IAGCOUT
AGC output static drive
current
static
−−
1mA
GAGC(min)
minimum gain of AGC circuit
AGC DAC input code = 00
(9-bit control)
4.5
dB
GAGC(max)
maximum gain of AGC circuit
AGC DAC input code
≥319
(9-bit control)
34.5
dB
fcut(AGC)
cut-off frequency AGC
control DAC 4-bit
input code = 00
54
MHz
input code = 01
40
MHz
input code = 15
4
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA8784H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8780M PHILIPS-TDA8780M Datasheet
70Kb / 16P
   True logarithmic amplifier
1995 Jul 25
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783H PHILIPS-TDA8783H Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HL NXP-TDA8783HL Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
More results

유사한 설명 - TDA8784H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com