전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8787 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TDA8787
상세설명  10-bit, 3.0 V analog-to-digital interface for CCD cameras
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787 데이터시트(HTML) 5 Page - NXP Semiconductors

  TDA8787 Datasheet HTML 1Page - NXP Semiconductors TDA8787 Datasheet HTML 2Page - NXP Semiconductors TDA8787 Datasheet HTML 3Page - NXP Semiconductors TDA8787 Datasheet HTML 4Page - NXP Semiconductors TDA8787 Datasheet HTML 5Page - NXP Semiconductors TDA8787 Datasheet HTML 6Page - NXP Semiconductors TDA8787 Datasheet HTML 7Page - NXP Semiconductors TDA8787 Datasheet HTML 8Page - NXP Semiconductors TDA8787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
1998 Oct 15
5
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V analog-to-digital interface for
CCD cameras
TDA8787
AGND3
41
analog ground 3
VCCA3
42
analog supply 3
AGND5
43
analog ground 5
DCLPC
44
regulator decoupling pin
OAGC
45
AGC output (test pin)
OAGCC
46
AGC complementary output (test pin)
SHP
47
preset sample-and-hold pulse input
SHD
48
data sample-and-hold pulse input
SYMBOL
PIN
DESCRIPTION
Fig.2 Pin configuration.
1
2
3
4
5
6
7
8
9
10
11
36
35
34
33
32
31
30
29
28
27
26
12
25
TDA8787
MGM542
D9
D8
D7
D6
D4
D3
D2
D1
D0
OGND
VCCO
VCCD3
DGND3
AGND4
IN
AGND1
VCCA1
CPCDS2
OFDOUT
PBK
CLPDM
D5
CPCDS1
STDBY


유사한 부품 번호 - TDA8787

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787AHL PHILIPS-TDA8787AHL Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787AHL/S1 PHILIPS-TDA8787AHL/S1 Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
More results

유사한 설명 - TDA8787

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com