전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ687 데이터시트(PDF) 3 Page - NEC

부품명 2SJ687
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

2SJ687 데이터시트(HTML) 3 Page - NEC

  2SJ687 Datasheet HTML 1Page - NEC 2SJ687 Datasheet HTML 2Page - NEC 2SJ687 Datasheet HTML 3Page - NEC 2SJ687 Datasheet HTML 4Page - NEC 2SJ687 Datasheet HTML 5Page - NEC 2SJ687 Datasheet HTML 6Page - NEC 2SJ687 Datasheet HTML 7Page - NEC 2SJ687 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D18719EJ2V0DS
3
2SJ687
TYPICAL CHARACTERISTICS (TA = 25
°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Tch - Channel Temperature -
°C
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
150
TC - Case Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
-0.1
-1
-10
-100
-1000
-0.1
-1
-10
-100
PW = 1 ms
10 ms
ID(pulse)
ID(DC)
RDS(on) Limited
(VGS =
−4.5 V)
TC = 25
°C
Single Pulse
Po
we
r D
iss
ipa
tio
n L
im
ited
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-A) = 125
°C/Wi
Rth(ch-C) = 3.47
°C/Wi
Single Pulse
PW - Pulse Width - s
100
μ
1 m
10 m
100 m
1
10
100
1000


유사한 부품 번호 - 2SJ687

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ687 RENESAS-2SJ687 Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
logo
VBsemi Electronics Co.,...
2SJ687-ZK-E1-AY VBSEMI-2SJ687-ZK-E1-AY Datasheet
1Mb / 8P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ687-ZK-E1-AY RENESAS-2SJ687-ZK-E1-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
2SJ687-ZK-E2-AY RENESAS-2SJ687-ZK-E2-AY Datasheet
276Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2007
2SJ687 RENESAS-2SJ687_15 Datasheet
277Kb / 10P
   SWITCHING P-CHANNEL POWER MOS FET
More results

유사한 설명 - 2SJ687

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com