전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1303B-BA1EUNTR 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC1303B-BA1EUNTR
상세설명  500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1303B-BA1EUNTR 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC1303B-BA1EUNTR Datasheet HTML 5Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 6Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 7Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 8Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 9Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 10Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 11Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 12Page - Microchip Technology TC1303B-BA1EUNTR Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
© 2005 Microchip Technology Inc.
DS21949A-page 9
TC1303B
Note: Unless otherwise indicated, VIN1 = VIN2 = SHDN1,2 = 3.6V, COUT1 =CIN =4.7 µF, COUT2 =1 µF, L =4.7 µH,
VOUT1 (ADJ) = 1.8V, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C. TA = +25°C. Adjustable or fixed
output voltage options can be used to generate the Typical Performance Characteristics.
FIGURE 2-7:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 1.8V).
FIGURE 2-8:
VOUT1 Output Efficiency vs.
Input Voltage (VOUT1 = 3.3V).
FIGURE 2-9:
VOUT1 Output Efficiency vs.
IOUT1 (VOUT1 = 3.3V).
FIGURE 2-10:
VOUT1 vs. IOUT1
(VOUT1 = 1.2V).
FIGURE 2-11:
VOUT1 vs. IOUT1
(VOUT1 = 1.8V).
FIGURE 2-12:
VOUT1 vs. IOUT1
(VOUT1 = 3.3V).
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN = 3.0V
VIN = 4.2V
VIN = 3.6V
80
84
88
92
96
100
3.60
3.92
4.23
4.55
4.87
5.18
5.50
Input Voltage (V)
IOUT1 = 100 mA
IOUT1 = 250 mA
IOUT1 = 500 mA
SHDN1 = VIN2
SHDN2 = AGND
60
65
70
75
80
85
90
95
100
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
VIN1 = 5.5V
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 4.2V
VIN1 = 3.6V
1.19
1.194
1.198
1.202
1.206
1.21
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
1.79
1.795
1.8
1.805
1.81
1.815
1.82
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 3.6V
3.2
3.24
3.28
3.32
3.36
3.4
0.005
0.104
0.203
0.302
0.401
0.5
IOUT1 (A)
SHDN1 = VIN2
SHDN2 = AGND
VIN1 = 4.2V


유사한 부품 번호 - TC1303B-BA1EUNTR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1303B-1G0EMF MICROCHIP-TC1303B-1G0EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EMFTR MICROCHIP-TC1303B-1G0EMFTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUN MICROCHIP-TC1303B-1G0EUN Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G0EUNTR MICROCHIP-TC1303B-1G0EUNTR Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303B-1G1EMF MICROCHIP-TC1303B-1G1EMF Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
More results

유사한 설명 - TC1303B-BA1EUNTR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
MCP1601 MICROCHIP-MCP1601 Datasheet
683Kb / 22P
   500 mA Synchronous BUCK Regulator
2003
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
logo
Texas Instruments
TPS77401-EP TI1-TPS77401-EP Datasheet
463Kb / 23P
[Old version datasheet]   250-mA LDO VOLTAGE REGULATOR WITH POWER-GOOD OUTPUT
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
Rohm
BD4275FP2-C ROHM-BD4275FP2-C Datasheet
572Kb / 23P
   500 mA Output LDO Regulator with Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com