전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA8798 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 TDA8798
상세설명  Dual 8-bit, 100 Msps A/D converter with DPGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8798 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button TDA8798 Datasheet HTML 3Page - NXP Semiconductors TDA8798 Datasheet HTML 4Page - NXP Semiconductors TDA8798 Datasheet HTML 5Page - NXP Semiconductors TDA8798 Datasheet HTML 6Page - NXP Semiconductors TDA8798 Datasheet HTML 7Page - NXP Semiconductors TDA8798 Datasheet HTML 8Page - NXP Semiconductors TDA8798 Datasheet HTML 9Page - NXP Semiconductors TDA8798 Datasheet HTML 10Page - NXP Semiconductors TDA8798 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1999 Sep 16
7
Philips Semiconductors
Objective specification
Dual 8-bit, 100 Msps A/D converter with
DPGA
TDA8798
FUNCTIONAL DESCRIPTION
The TDA8798 comprises two independent fully differential
signal chains each having a DPGA and a high-speed ADC.
A serial interface allows the gain of each DPGA to be
controlled independently. To improve signal conditions, an
AC-coupled external filter can be connected between a
DPGA and ADC. The TDA8798 can be used as a dual 8-bit
ADC without DPGA functionality, using less power.
Digitally Programmable Gain Amplifier (DPGA)
The gain of the differential DPGA is programmable from
0 to 34 dBV in 63 equal steps by a 6-bit word output in
parallel from a gain control register in the SI. For all gain
settings, the DPGA signal bandwidth exceeds 30 MHz.
The settling time between gain changes can be adjusted
by an external decoupling capacitor connected to
DPGAC1 (pin 14) and/or DPGAC2 (pin 3). The analog
input signals can be either AC or DC coupled. When used
only as a dual 8-bit ADC, both DPGAs can be disabled to
reduce power consumption.
Analog-to-Digital Converter (ADC)
The 8-bit ADC converts the differential analog input signal
into a binary output format at a maximum conversion rate
of 100 Msps. All digital input and output signals are
TTL/CMOS compatible.
The ADC clock signal can be from either a differential or a
single-ended source; when single-ended, the unused
clock input pin should be decoupled externally. The analog
input to the ADC is AC coupled.
When used only as a dual ADC, the ADC can be externally
biased by regulator output Voref1 (pin 19) and/or
Voref2 (pin 62) using series resistors of, for example, 50 Ω,
connected to the ADC buffer inputs providing a lower input
impedance. This requires Voref1 and/or Voref2 to be
decoupled to ground by a 10 nF capacitor.
Vref1 (pin 13) and/or Vref2 (pin 4) provide a voltage
corresponding to the bias of the ADC which can be used
as a reference output to an external control circuit.
Alternatively, an external control voltage can be applied to
these pins to adjust the full-scale range of the ADC.
Serial Interface (SI)
The SI allows the gain of each DPGA to be controlled
independently using either a parallel load mode or a
count-up/count-down mode. The gain control mode is
selected by the state of SMODE. The operation of DPGA
gain control is shown in Timing diagram, (see Fig.4).
Parallel load mode
This mode loads gain control data serially into a decoder
in the SI. Each of the six bits are loaded on the rising edge
of SCLK. After the load has completed, SEN goes inactive,
loading the data in parallel to a gain control register in the
SI, changing the gain of the DPGA.
Count-up/count-down mode
Count-up/count-down mode is selected when SMODE is
in the opposite state to parallel load mode. This mode
either increments or decrements the SI gain control
register in one-bit steps when SEN and SCLK are both
active; the state of SDATA determines the count direction
(up or down). This allows the gain of the DPGA to be
changed asynchronously and intermittently.
ADC digital outputs
Digital noise on the internal supply lines increases when
the VDDO voltage increases, affecting the crosstalk
between channels. This effect can be reduced by making
SR (pin 52) HIGH, changing the slew-rate of the ADC
digital outputs.


유사한 부품 번호 - TDA8798

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA8790 PHILIPS-TDA8790 Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8790M PHILIPS-TDA8790M Datasheet
142Kb / 20P
   8-bit, 40 Msps 2.7 to 5.5 V universal analog-to-digital converter
1996 Feb 21
TDA8792 PHILIPS-TDA8792 Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8792M PHILIPS-TDA8792M Datasheet
148Kb / 20P
   3.3 V, 25 MHz 8-bit analog-to-digital converter ADC
1996 Feb 21
TDA8793 PHILIPS-TDA8793 Datasheet
92Kb / 20P
   8-bit, low-power, 3 V, 100 Msps Analog-to-Digital Converter ADC
1999 Oct 06
More results

유사한 설명 - TDA8798

제조업체부품명데이터시트상세설명
logo
Fujitsu Component Limit...
MB40C328 FUJITSU-MB40C328 Datasheet
163Kb / 16P
   8-bit 100 MSPS A/D Converter
MB40C328V FUJITSU-MB40C328V Datasheet
167Kb / 16P
   8-bit 100 MSPS A/D Converter
logo
Analog Devices
AD9288 AD-AD9288_15 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-40 AD-AD9288BSTZ-40 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288BSTZ-80 AD-AD9288BSTZ-80 Datasheet
833Kb / 24P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. C
AD9288 AD-AD9288 Datasheet
205Kb / 16P
   8-Bit, 40/80/100 MSPS Dual A/D Converter
REV. 0
AD9283S AD-AD9283S Datasheet
126Kb / 8P
   8-Bit, 100 MSPS 3V A/D Converter
AD9708 AD-AD9708 Datasheet
246Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARRL AD-AD9708ARRL Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
   8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com