전자부품 데이터시트 검색엔진 |
|
TC1303C-AN0EMF 데이터시트(PDF) 33 Page - Microchip Technology |
|
TC1303C-AN0EMF 데이터시트(HTML) 33 Page - Microchip Technology |
33 / 36 page © 2005 Microchip Technology Inc. DS21949B-page 33 TC1303A/TC1303B/TC1303C/TC1304 PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . Device: TC1303A: PWM/LDO combo with Power-Good TC1303B: PWM/LDO combo with Power-Good TC1303C: PWM/LDO combo with Power-Good TC1304: PWM/LDO combo with Power-Good Options Code VOUT1 Code VOUT2 Code +50 mV A B C D E F G H I J K L M N O P Q R S T U V W X Y Z 1 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V 2.2V 2.1V 2.0V 1.9V 1.8V 1.7V 1.6V 1.5V 1.4V 1.3V 1.2V 1.1V 1.0V 0.9V Adjustable 1.375V A B C D E F G H I J K L M N O P Q R S T U V W X Y Z 1 3.3V 3.2V 3.1V 3.0V 2.9V 2.8V 2.7V 2.6V 2.5V 2.4V 2.3V 2.2V 2.1V 2.0V 1.9V 1.8V 1.7V 1.6V 1.5V 0 1 2 3 Default +50 mV to V1 +50 mV to V2 +50 mV to V1 and V2 * Contact Factory for Alternate Output Voltage and Reset Voltage Configurations. Temperature Range: E = -40°C to +85°C Package: MF = Dual Flat, No Lead (3x3 mm body), 10-lead UN = Plastic Micro Small Outline (MSOP), 10-lead (The MSOP package for this device has not been qualified at the time of this publication. Contact your Microchip sales office for availability.) Tube or Tape and Reel: Blank = Tube TR = Tape and Reel Examples: a) TC1303A-SI0EMF: 1.5V, 2.5V, Default, 10LD DFN pkg. b) TC1303A-ZA0EUN: Adj, 3.3V, Default, 10LD MSOP pkg. c) TC1303A-PP3EMFTR: 1.8V, 1.8V, +50 mV, 10LD DFN pkg. Tape and Reel a) TC1303B-1H0EMF: 1.375V, 2.6V, Default, 10LD DFN pkg. b) TC1303B-AG0EUN: 3.3V, 2.7V, Default, 10LD MSOP pkg. c) TC1303B-AD0EMF: 3.3V, 3.0V, Default, 10LD DFN pkg. d) TC1303B-IA0EUN: 2.5V, 3.3V, Default, 10LD MSOP pkg. e) TC1303B-IA0EMF: 2.5V, 3.3V, Default, 10LD DFN pkg. f) TC1303B-PF0EUN: 1.8V, 2.8V, Default, 10LD MSOP pkg. g) TC1303B-PF0EMF: 1.8V, 2.8V, Default, 10LD DFN pkg. h) TC1303B-PG0EUN: 1.8V, 2.7V, Default, 10LD MSOP pkg. i) TC1303B-DG0EMFTR: 3.0V, 2.7V, Default, 10LD DFN pkg. Tape and Reel a) TC1303C-VP0EMF: 1.2V, 1.8V, Default, 10LD DFN pkg. b) TC1303C-VP0EMFTR: 1.2V, 1.8V, Default, 10LD DFN pkg. Tape and Reel. a) TC1304-VI0EMF: 1.2V, 2.5V, Default, 10LD DFN pkg. b) TC1304-VP0EMF: 1.2V, 1.8V, Default, 10LD DFN pkg. c) TC1304-VI0EUN: 1.2V, 2.5V, Default, 10LD MSOP pkg. d) TC1304-VI0EMFTR: 1.2V, 2.5V, Default, 10LD DFN pkg. Tape and Reel. e) TC1304-VP0EMFTR: 1.2V, 1.8V, Default 10LD DFN pkg. Tape and Reel. f) TC1304-VI0EUNTR: 1.2V, 2.5V, Default, 10LD MSOP pkg. Tape and Reel. PART NO. X- X VOUT1 Type B TC1303 X VOUT2 X +50 mV Increments X Temp Range XX Package XX Tube or Tape & Reel |
유사한 부품 번호 - TC1303C-AN0EMF |
|
유사한 설명 - TC1303C-AN0EMF |