전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9178 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA9178
상세설명  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 6Page - NXP Semiconductors TDA9178 Datasheet HTML 7Page - NXP Semiconductors TDA9178 Datasheet HTML 8Page - NXP Semiconductors TDA9178 Datasheet HTML 9Page - NXP Semiconductors TDA9178 Datasheet HTML 10Page - NXP Semiconductors TDA9178 Datasheet HTML 11Page - NXP Semiconductors TDA9178 Datasheet HTML 12Page - NXP Semiconductors TDA9178 Datasheet HTML 13Page - NXP Semiconductors TDA9178 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
1999 Sep 24
10
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Successive approximation ADC
Pins ADEXT1, ADEXT2 and ADEXT3 are connected to a
6-bit successive approximation ADC via a multiplexer.
The multiplexer toggles between the inputs with each field.
At each field flyback, a conversion is started for two of the
three inputs and the result is stored in the corresponding
bus register ADEXT1, ADEXT2 or ADEXT3. The input pin
ADEXT1 is updated every field, while input fields
ADEXT2 and ADEXT3 are updated once in two
consecutive fields (see Figs 7, 8, 9 and 10). Once in
32 fields the ADEXT2 input is not updated, because then
the noise measurement is updated.
In this way, any slow varying analog signal can be given
access to the I2C-bus. If a register access conflict occurs,
the data of that register is made invalid by setting the flag
bit DV (Data Valid) to zero.
Smart noise control
With the help of the internal noise detector and a
user-preferred noise algorithm, the user can make a fully
automatic I2C-bus feature reduction, briefly called ‘Smart
Noise Control’.
Demonstration mode
By the I2C-bus bit DEM all the picture improvement
features can be demonstrated in one picture. By setting
bit DEM to logic 1, all the features selected by the user are
active for 5 s in 1fH mode (in 2fH mode: 2.5 s), and for
another 5 s in 1fH mode (in 2fH mode: 2.5 s) all features
selected are turned off (then the TDA9178 is ‘transparent’
to the incoming signal).
Internal window
To determine the histogram levels and the black offset the
TDA9178 performs several measurements. An internally
defined window serves to exclude parts in the scene like
‘subtitling’ or ‘logos’. The internal window can be regarded
as a weighting function which has a value of one within a
square near the centre of the screen and which gradually
decreases to zero towards the edges.
When bit WLB (Window Letter Box) is made logic 1, the
height of the window is reduced by a factor of 2
3.
This prevents the contribution of the black bars above and
below a 16 : 9 scene to the measurements.
I2C-bus
The I2C-bus is always in standby mode and responds on a
properly addressed command. Bit PDD (Power-Down
Detected) in the status register is set each time an
interruption of the power supply occurs and is reset only by
reading the status register. A 3-bit identification code can
also be read from the status register, which code can be
used to automatically configure the application by
software.
The input control registers can be written sequentially by
the I2C-bus by the embedded automatic subaddress
increment feature or by addressing them directly.
The output control functions cannot be addressed
separately. Reading out the output control functions
always starts at subaddress 00H and all subsequent
words are read out by the automatic subaddress
increment procedure.
The bits in the I2C-bus are preset to logic 0 at power-on
except for bits AMS and VG5: therefore the TDA9178 is in
1.0 V luminance signal range and the variable gamma is
set to 20H (gamma correction 0%).
I2C-BUS SPECIFICATION
The slave address of the IC is given in Table “Slave
address”. If pin ADR of the TDA9178 is connected to
ground, the I2C-bus address is 40H; if pin ADR is
connected to pin DECDIG, the I2C-bus address is E0H.
The circuit operates on clock frequencies up to 400 kHz.
Slave address
Auto-increment mode is available for subaddresses.
A6
A5
A4
A3
A2
A1
A0
R/W
ADR
1
ADR
0
0
0
0
X


유사한 부품 번호 - TDA9178

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
TDA9171 PHILIPS-TDA9171 Datasheet
113Kb / 20P
   YUV picture improvement processor based on histogram modification and blue stretch
1996 Jun 17
TDA9176 PHILIPS-TDA9176 Datasheet
91Kb / 16P
   Luminance Transient Improvement LTI IC
1996 Jan 30
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
More results

유사한 설명 - TDA9178

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9170 PHILIPS-TDA9170 Datasheet
321Kb / 22P
   YUV picture improvement processor based on histogram modification
October 1994
TDA9171 PHILIPS-TDA9171 Datasheet
113Kb / 20P
   YUV picture improvement processor based on histogram modification and blue stretch
1996 Jun 17
logo
Analog Devices
AD2S100 AD-AD2S100_15 Datasheet
1,015Kb / 12P
   AC Vector Processor
REV. A
logo
NXP Semiconductors
TDA9177 PHILIPS-TDA9177 Datasheet
235Kb / 28P
   YUV transient improvement processor
1997 Dec 01
logo
Analog Devices
AD2S100 AD-AD2S100 Datasheet
393Kb / 12P
   AC Vector Processor
REV. A
logo
Merrimac Industries, In...
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
   VECTOR MODULATOR
logo
Siemens Semiconductor G...
SDA9188-3X SIEMENS-SDA9188-3X Datasheet
462Kb / 31P
   Picture-in-Picture Processor with On-Chip PLL
logo
Merrimac Industries, In...
VM-MCM-1.9G MERRIMAC-VM-MCM-1.9G Datasheet
142Kb / 2P
   VECTOR MODULATOR
VMD-2Q-2.0G MERRIMAC-VMD-2Q-2.0G Datasheet
174Kb / 5P
   VECTOR MODULATOR
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com