전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9801T 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 TDA9801T
상세설명  Single standard VIF-PLL demodulator and FM-PLL detector
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9801T 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button TDA9801T Datasheet HTML 6Page - NXP Semiconductors TDA9801T Datasheet HTML 7Page - NXP Semiconductors TDA9801T Datasheet HTML 8Page - NXP Semiconductors TDA9801T Datasheet HTML 9Page - NXP Semiconductors TDA9801T Datasheet HTML 10Page - NXP Semiconductors TDA9801T Datasheet HTML 11Page - NXP Semiconductors TDA9801T Datasheet HTML 12Page - NXP Semiconductors TDA9801T Datasheet HTML 13Page - NXP Semiconductors TDA9801T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
1999 Aug 26
10
Philips Semiconductors
Product specification
Single standard VIF-PLL demodulator
and FM-PLL detector
TDA9801
S/NW
weighted signal-to-noise
ratio
see Fig.3; note 13
VP =5V
56
60
dB
VP =9V
55
59
dB
α
IM(0.92/1.1)
intermodulation attenuation
at f = 0.92 or 1.1 MHz
see Fig.4; note 14
for BLUE
56
62
dB
for YELLOW
58
64
dB
α
IM(2.76/3.3)
intermodulation attenuation
at f = 2.76 or 3.3 MHz
see Fig.4; note 14
for BLUE
56
62
dB
for YELLOW
57
63
dB
∆V
r(PC)(rms)
residual picture carrier
(RMS value)
fundamental wave
110
mV
harmonics
110
mV
α
H(sup)
harmonics suppression in
video signal
note 10
35
40
dB
PSRRCVBS
power supply ripple
rejection at pin CVBS
see Fig.7
25
28
dB
AGC detector output: pin AGC
tres
response time
at 50 dB amplitude step of
input signal
for increasing step
110
ms
for decreasing step
50
100
ms
Ich
charging current
note 12
0.82
1.1
1.38
mA
Idch
discharging current
16
22
28
µA
Vo
gain control output voltage
see Fig.6
maximum gain
0
−−
V
minimum gain
−−
VP − 0.7
V
Tuner AGC
Vi(VIF)(rms)
VIF input voltage
(RMS value)
for onset tuner takeover
point
minimum level with
RTOP =22kΩ
−−
5mV
maximum level with
RTOP =0 Ω
50
−−
mV
QVi(VIF)(rms)
accuracy level of tuner
takeover point (RMS value)
RTOP =13kΩ;
ITAGC = 0.4 mA
7
14
mV
∆Vi(VIF)/∆T
variation of tuner takeover
point with temperature
ITAGC = 0.4 mA
0.02
0.06
dB/K
∆G
IF
IF slip by automatic gain
control
tuner gain current from
20 to 80%
68
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA9801T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9802T PHILIPS-TDA9802T Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
More results

유사한 설명 - TDA9801T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
TDA9806 PHILIPS-TDA9806 Datasheet
193Kb / 24P
   Multistandard VIF-PLL and FM-PLL demodulator
1995 Sep 05
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9812 PHILIPS-TDA9812 Datasheet
272Kb / 32P
   Multistandard VIF-PLL and FM-PLL/AM demodulator
1995 Mar 21
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA9814T PHILIPS-TDA9814T Datasheet
249Kb / 36P
   Multistandard VIF-PLL with QSS-IF and dual FM-PLL/AM demodulator
1998 Feb 09
TDA9817 PHILIPS-TDA9817 Datasheet
240Kb / 41P
   Single/multistandard VIF/SIF-PLL and FM-PLL/AM demodulators
2004 Jun 29
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
logo
TEMIC Semiconductors
TDA4454 TEMIC-TDA4454 Datasheet
150Kb / 11P
   Multistandard VIF Amplifier and PLL Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com