전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9809M 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TDA9809M
상세설명  Single standard multimedia IF-PLL and FM radio demodulator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809M 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TDA9809M Datasheet HTML 5Page - NXP Semiconductors TDA9809M Datasheet HTML 6Page - NXP Semiconductors TDA9809M Datasheet HTML 7Page - NXP Semiconductors TDA9809M Datasheet HTML 8Page - NXP Semiconductors TDA9809M Datasheet HTML 9Page - NXP Semiconductors TDA9809M Datasheet HTML 10Page - NXP Semiconductors TDA9809M Datasheet HTML 11Page - NXP Semiconductors TDA9809M Datasheet HTML 12Page - NXP Semiconductors TDA9809M Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1998 Jan 08
9
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
∆Vo(int)
internal IF amplitude
difference between
picture and sound
carrier
within AGC range;
∆f = 4.5 MHz
0.7
1
dB
GVIF(CR)
VIF gain control range
see Fig.3
65
70
dB
BVIF(−3dB)
−3 dB VIF bandwidth
lower limit
15
25
MHz
upper limit
70
100
MHz
Ri(dif)
differential input
resistance
note 2
1.7
2.2
2.7
k
Ci(dif)
differential input
capacitance
note 2
1.2
1.7
2.5
pF
VI
DC input voltage
note 2
3.4
V
TRUE SYNCHRONOUS VIDEO DEMODULATOR; note 3
fVCO(max)
maximum oscillator
frequency for carrier
regeneration
f=2fPC
125
130
MHz
∆fosc/∆T
oscillator drift as a
function of
temperature
oscillator is free-running;
IAFC = 0; note 4
−−±20 × 10−6
K−1
VVCO(rms)
oscillator voltage
swing at
pins 15 and 16
(RMS value)
fPC = 38.9 MHz
50
80
110
mV
fPC = 45.75 MHz
40
65
90
mV
fcr(PC)
picture carrier capture
range
±1.4
±1.8
MHz
tacq
acquisition time
Black Level (BL) = 70 kHz
note 5
−−
30
ms
Vi(VIF)(rms)
minimum vision IF
input signal voltage for
PLL to be locked
(RMS value)
maximum IF gain; note 6
30
70
µV
COMPOSITE VIDEO AMPLIFIER (PIN 13; SOUND CARRIER OFF)
Vo(video)(p-p)
output signal voltage
(peak-to-peak value)
see Fig.7
0.97
1.1
1.23
V
V/S
ratio of video
(black-to-white) to
sync level
1.9
2.33
3.0
Vsync
sync voltage level
1.4
1.5
1.6
V
Vclu
upper video clipping
voltage level
VP − 1.1
VP − 1
V
Vcll
lower video clipping
voltage level
0.7
0.9
V
Ro
output resistance
note 2
−−
10
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA9809M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9800 PHILIPS-TDA9800 Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9800T PHILIPS-TDA9800T Datasheet
177Kb / 23P
   VIF-PLL demodulator and FM-PLL detector
July 1994
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9801T PHILIPS-TDA9801T Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9802 PHILIPS-TDA9802 Datasheet
196Kb / 23P
   Multistandard VIF-PLL demodulator and FM-PLL detector
November 1992
More results

유사한 설명 - TDA9809M

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
TDA9808 PHILIPS-TDA9808 Datasheet
218Kb / 36P
   Single standard VIF-PLL with QSS-IF and FM-PLL demodulator
1999 Jun 04
TDA9801 PHILIPS-TDA9801 Datasheet
152Kb / 32P
   Single standard VIF-PLL demodulator and FM-PLL detector
1999 Aug 26
TDA9813T PHILIPS-TDA9813T Datasheet
160Kb / 32P
   VIF-PLL with QSS-IF and dual FM-PLL demodulator
1999 Sep 16
TDA8295 NXP-TDA8295 Datasheet
474Kb / 77P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 01-4 February 2008
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com