전자부품 데이터시트 검색엔진 |
|
ISL60002CIH312-TK 데이터시트(PDF) 6 Page - Intersil Corporation |
|
ISL60002CIH312-TK 데이터시트(HTML) 6 Page - Intersil Corporation |
6 / 35 page 6 FN8082.8 June 4, 2007 Electrical Specifications ISL60002-20, VOUT = 2.048V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 2.048 V VOA VOUT Accuracy TA = +25°C ISL60002B20 -1.0 +1.0 mV ISL60002C20 -2.5 +2.5 mV ISL60002D20 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-25, VOUT = 2.500V (Additional specifications on page 7, “Common Electrical Specifications”) Operating Conditions: VIN = 3.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 2.500 V VOA VOUT Accuracy TA = +25°C ISL60002B25 -1.0 +1.0 mV ISL60002C25 -2.5 +2.5 mV ISL60002D25 -5.0 +5.0 mV VIN Input Voltage Range 2.7 5.5 V Electrical Specifications ISL60002-30, VOUT = 3.000V Operating Conditions: VIN = 5.0V, IOUT = 0mA, COUT = 0.001µF, TA = -40 to +85°C, unless otherwise specified. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VOUT Output Voltage 3.000 V VOA VOUT Accuracy TA = +25°C ISL60002B30 -1.0 +1.0 mV ISL60002C30 -2.5 +2.5 mV ISL60002D30 -5.0 +5.0 mV VIN Input Voltage Range 3.5 5.5 V TC VOUT Output Voltage Temperature Coefficient (Note 1) 20 ppm/°C IIN Supply Current 350 900 nA ΔVOUT/ΔVIN Line Regulation +3.5V ≤ VIN ≤ +5.5V 80 250 µV/V ΔVOUT/ΔIOUT Load Regulation 0mA ≤ ISOURCE ≤ 7mA 25 100 µV/mA -7mA ≤ I SINK ≤ 0mA 50 150 µV/mA ΔVOUT/Δt Long Term Stability (Note 3) TA = +25°C TBD ppm/ √1kHrs ΔVOUT/ΔTA Thermal Hysteresis (Note 2) ΔTA = +125°C 100 ppm ISC Short Circuit Current (to GND) TA = +25°C 50 mA VN Output Voltage Noise 0.1Hz ≤ f ≤ 10Hz 30 µVP-P ISL60002 |
유사한 부품 번호 - ISL60002CIH312-TK |
|
유사한 설명 - ISL60002CIH312-TK |