전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA9860N 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 TDA9860N
상세설명  Universal HiFi audio processor for TV
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9860N 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button TDA9860N Datasheet HTML 4Page - NXP Semiconductors TDA9860N Datasheet HTML 5Page - NXP Semiconductors TDA9860N Datasheet HTML 6Page - NXP Semiconductors TDA9860N Datasheet HTML 7Page - NXP Semiconductors TDA9860N Datasheet HTML 8Page - NXP Semiconductors TDA9860N Datasheet HTML 9Page - NXP Semiconductors TDA9860N Datasheet HTML 10Page - NXP Semiconductors TDA9860N Datasheet HTML 11Page - NXP Semiconductors TDA9860N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
July 1994
8
Philips Semiconductors
Preliminary specification
Universal HiFi audio processor for TV
TDA9860
VN(W)
weighted noise voltage at output
(quasi-peak level)
CCIR468-3
for +15 dB gain
102
−µV
for 0 dB gain
32
−µV
for
−40 dB gain
27
−µV
for mute position
Gv = −80 dB
20
−µV
B
AF bandwidth
−1 dB
20 to
20000
Hz
THD
total harmonic distortion
f = 20 to 12500 Hz
for Vi = 0.2 V (RMS value)
Gv = −30 to +15 dB
0.1
0.3
%
for Vi = 1 V (RMS value)
Gv = −30 to 0 dB
0.1
0.3
%
for Vi = 2 V (RMS value)
Gv = −30 to −6 dB
0.1
0.3
%
α
sp
stereo channel separation
f = 10 kHz; Gv = 0 dB;
opposite input grounded
by 1 k
Ω resistor
75
dB
α
bus
crosstalk of I2C-bus
Gv = 0 dB; note 1
100
dB
RR100
ripple rejection with 100 Hz ripple on VP
Gv = 0 dB;
VR < 200 mV RMS
55
dB
HEADPHONE CHANNEL (controlled via I2C-bus, Table 3)
Volume control headphone channel
f = 1 kHz, 36 steps
Gv
nominal volume control
−70
0dB
minimum volume control
−67
−−1dB
gain in mute position
−80
−85
dB
∆G
v
step width (resolution)
Gv = −36 to 0 dB
1.5
2
2.5
dB
Gv = −70 to −36 dB
1
2
3
dB
gain set error
Gv = −36 to 0 dB
−−
1dB
Gv = −70 to −36 dB
−−
3dB
∆V
13, 20
DC offset voltage
for adjoining step and
step to mute
Gv = −70 to 0 dB
0.5
10
mV
Headphone channel output (pins 13 and 20)
Vo
maximum output signal (RMS value)
THD
≤ 0.5%; RL > 10 kΩ;
CL < 1.5 nF
2
−−
V
Ro
output resistance
−−
100
RL
allowed output load resistor
10
−−
k
CL
allowed output load capacitor
−−
1.5
nF
VN(W)
weighted noise voltage at output (quasi-peak level) CCIR468-3
for 0 dB gain
20
−µV
for
−16 dB gain
15
−µV
for mute position
Gv = −80 dB
12
−µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TDA9860N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
More results

유사한 설명 - TDA9860N

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TDA9861 PHILIPS-TDA9861 Datasheet
108Kb / 18P
   Universal HiFi audio processor for TV
June 1994
TDA9859H NXP-TDA9859H Datasheet
108Kb / 24P
   Universal hi-fi audio processor for TV
2001 Jul 11
TDA9859 PHILIPS-TDA9859 Datasheet
113Kb / 20P
   Universal hi-fi audio processor for TV
1997 Sep 01
logo
Rohm
BD3869AF ROHM-BD3869AF Datasheet
276Kb / 6P
   Audio sound processor for TV
logo
New Japan Radio
NJU26103 NJRC-NJU26103 Datasheet
303Kb / 18P
   Digital Audio Processor for TV
logo
Rohm
BD3884FS ROHM-BD3884FS Datasheet
184Kb / 6P
   Audio sound processor for TV
BD3888FS ROHM-BD3888FS Datasheet
262Kb / 5P
   Audio sound processor for TV
BD3886FS ROHM-BD3886FS Datasheet
198Kb / 6P
   Audio sound processor for TV
logo
Analog Devices
ADAV4601 AD-ADAV4601 Datasheet
1Mb / 60P
   Audio Processor for Advanced TV
logo
Princeton Technology Co...
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com