전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRLZ44ZLPBF 데이터시트(PDF) 11 Page - International Rectifier

부품명 IRLZ44ZLPBF
상세설명  AUTOMOTIVE MOSFET (VDSS = 55V , RDS(on) =13.5m廓 , ID = 51A)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44ZLPBF 데이터시트(HTML) 11 Page - International Rectifier

Back Button IRLZ44ZLPBF Datasheet HTML 5Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 6Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 7Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 8Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 9Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 10Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 11Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 12Page - International Rectifier IRLZ44ZLPBF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
IRLZ44Z/S/LPbF
www.irf.com
11
TO-262 Part Marking Information
TO-262 Package Outline
AS S E MB L Y
LOT CODE
RE CT IF IE R
IN T E R N AT ION AL
AS S E MB L E D ON WW 19, 1997
N ote: "P " in as s embly line
pos ition indicates "L ead-F ree"
IN T H E AS S E MB LY LIN E "C"
LOGO
T H IS IS AN IR L 3103L
L OT COD E 1789
EXAMP L E :
LIN E C
DAT E CODE
WEEK 19
YE AR 7 = 1997
PAR T N U MB E R
PAR T N U MB E R
LOGO
LOT COD E
AS S E MB L Y
IN T E R N AT ION AL
RE CT IF IE R
PR OD U CT (OP T ION AL )
P = D E S IGN AT E S L E AD -F R E E
A = AS S E MB L Y S IT E CODE
WE E K 19
YE AR 7 = 1997
DAT E CODE
OR


유사한 부품 번호 - IRLZ44ZLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLZ44ZL IRF-IRLZ44ZL Datasheet
304Kb / 12P
   AUTOMOTIVE MOSFET
More results

유사한 설명 - IRLZ44ZLPBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRFZ44Z IRF-IRFZ44Z Datasheet
333Kb / 12P
   Power MOSFET(Vdss=55V, Rds(on)=13.9mohm, Id=51A)
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
IRF1405SPBF IRF-IRF1405SPBF Datasheet
240Kb / 12P
   AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 5.3m廓 , ID = 131A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
   HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
   HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
IRFZ46N IRF-IRFZ46N_04 Datasheet
190Kb / 9P
   HEXFET짰 Power MOSFET(VDSS = 55V,RDS(on) = 16.5m廓,ID = 53A)
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR9024NPBF IRF-IRFR9024NPBF Datasheet
1Mb / 11P
   HEXFET POWER MOSFET ( VDSS = -55V , RDS(on) = 0.175廓 , ID = -11A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com