전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1064A 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TEA1064A
상세설명  Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1064A 데이터시트(HTML) 5 Page - NXP Semiconductors

  TEA1064A Datasheet HTML 1Page - NXP Semiconductors TEA1064A Datasheet HTML 2Page - NXP Semiconductors TEA1064A Datasheet HTML 3Page - NXP Semiconductors TEA1064A Datasheet HTML 4Page - NXP Semiconductors TEA1064A Datasheet HTML 5Page - NXP Semiconductors TEA1064A Datasheet HTML 6Page - NXP Semiconductors TEA1064A Datasheet HTML 7Page - NXP Semiconductors TEA1064A Datasheet HTML 8Page - NXP Semiconductors TEA1064A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
March 1994
5
Philips Semiconductors
Product specification
Low voltage versatile telephone transmission circuit
with dialler interface and transmit level dynamic limiting
TEA1064A
Note
1. For TEA1064AT the maximum line current depends on the heat dissipating qualities of the mounted device.
Stabilized supply voltage application
R15 = 392
Ω;
R16 = 56
Supply for peripherals
lline = 15 mA
Ip = 0 to 4 mA
VCC2-SLPE
3.05
3.3
3.55
V
DC line voltage
lline =15mA
Ip = 2 mA
VLN
4.2
4.4
4.8
V
Ip = 4 mA
VLN
4.9
5.1
5.5
V
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
PINNING
Fig.2 Pinning diagram.
handbook, halfpage
LN
GAS1
GAS2
QR
QR
+
GAR
DLS/MMUTE
MIC
MIC
+
STAB
SLPE
VCC2
AGC
REG
PD
MUTE
VCC1
IR
DTMF
VEE
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
TEA1064A
MGR057
1 LN
positive line terminal
2 GAS1
gain adjustment; transmitting amplifier
3 GAS2
gain adjustment; transmitting amplifier
4QR
inverting output, receiving amplifier
5QR
+
non-inverting output, receiving
amplifier
6 GAR
gain adjustment; receiving amplifier
7 DLS/
MMUTE
decoupling for transmit amplifier
dynamic and microphone MUTE input
8 MIC
inverting microphone input
9 MIC
+
non-inverting microphone input
10 STAB
current stabilizer
11 VEE
negative line terminal
12 DTMF
dual-tone multi-frequency input
13 IR
receiving amplifier input
14 MUTE
mute input
15 PD
power-down input
16 VCC1
internal supply decoupling
17 REG
voltage regulator decoupling
18 AGC
automatic gain control input
19 VCC2
reference voltage with respect to SLPE
20 SLPE
slope adjustment for DC
curve/reference for peripheral circuits.


유사한 부품 번호 - TEA1064A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1064BT PHILIPS-TEA1064BT Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
More results

유사한 설명 - TEA1064A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1064B PHILIPS-TEA1064B Datasheet
211Kb / 32P
   Low voltage versatile telephone transmission circuit with dialler interface and transmit level dynamic limiting
March 1994
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com