전자부품 데이터시트 검색엔진 |
|
TEA1094A 데이터시트(PDF) 6 Page - NXP Semiconductors |
|
TEA1094A 데이터시트(HTML) 6 Page - NXP Semiconductors |
6 / 28 page 1996 Jul 15 6 Philips Semiconductors Product specification Hands free IC TEA1094; TEA1094A Fig.2 Pin configuration (TEA1094). handbook, halfpage DLC/MUTER RIN1 RIN2 n.c. GAR LSP n.c. GND n.c. VBB VOL SWR STAB SWT TSEN TENV TNOI RSEN RNOI MIC RENV GAT MOUT MUTET MICGND n.c. IDT n.c. 1 2 3 4 5 6 7 8 9 10 11 12 13 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 TEA1094 MGE434 Fig.3 Pin configuration (TEA1094A). handbook, halfpage DLC/MUTER RIN1 RIN2 GAR LSP GND VBB VOL SWR STAB SWT IDT TSEN TENV TNOI RSEN RNOI MIC RENV GAT MOUT MUTET MICGND PD 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 TEA1094A MGE435 FUNCTIONAL DESCRIPTION General The values given in the functional description are typical values unless otherwise specified. A principle diagram of the TEA106X is shown on the left side of Fig.4. The TEA106X is a transmission circuit of the TEA1060 family intended for hand-set operation. It incorporates a receiving amplifier for the earpiece, a transmit amplifier for the microphone and a hybrid. For more details on the TEA1060 family, please refer to “data Handbook IC03”. The right side of Fig.4 shows a principle diagram of the TEA1094 and TEA1094A, hands-free add-on circuits with a microphone amplifier, a loudspeaker amplifier and a duplex controller. As can be seen from Fig.4, a loop is formed via the sidetone network in the transmission circuit and the acoustic coupling between loudspeaker and microphone of the hands-free circuit. When this loop gain is greater than 1, howling is introduced. In a full duplex application, this would be the case. The loop-gain has to be much lower than 1 and therefore has to be decreased to avoid howling. This is achieved by the duplex controller. The duplex controller of the TEA1094 and TEA1094A detects which channel has the ‘largest’ signal and then controls the gain of the microphone amplifier and the loudspeaker amplifier so that the sum of the gains remains constant. As a result, the circuit can be in three stable modes: 1. Transmit mode (Tx mode). The gain of the microphone amplifier is at its maximum and the gain of the loudspeaker amplifier is at its minimum. 2. Receive mode (Rx mode). The gain of the loudspeaker amplifier is at its maximum and the gain of the microphone amplifier is at its minimum. 3. Idle mode. The gain of the amplifiers is halfway between their maximum and minimum value. The difference between the maximum gain and minimum gain is called the switching range. |
유사한 부품 번호 - TEA1094A |
|
유사한 설명 - TEA1094A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |