전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1099H 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TEA1099H
상세설명  Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1099H 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TEA1099H Datasheet HTML 5Page - NXP Semiconductors TEA1099H Datasheet HTML 6Page - NXP Semiconductors TEA1099H Datasheet HTML 7Page - NXP Semiconductors TEA1099H Datasheet HTML 8Page - NXP Semiconductors TEA1099H Datasheet HTML 9Page - NXP Semiconductors TEA1099H Datasheet HTML 10Page - NXP Semiconductors TEA1099H Datasheet HTML 11Page - NXP Semiconductors TEA1099H Datasheet HTML 12Page - NXP Semiconductors TEA1099H Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
1999 Apr 08
9
Philips Semiconductors
Product specification
Speech and handsfree IC with auxiliary
inputs/outputs and analog multiplexer
TEA1099H
Fig.5 Current consumption on VDD.
handbook, full pagewidth
1.0
IDD
(pA)
1.5
2.5
3.0
VDD (V)
2.0
108
107
106
105
104
103
102
10
FCA050
SUPPLY FOR MICROPHONE (PINS MICS AND GNDTX)
The MICS output can be used as a supply for electret
microphones. Its voltage is equal to 2.0 V; it can source
current up to 1 mA and has an output impedance equal to
200
Ω.
LOW VOLTAGE BEHAVIOUR
For line currents below 9 mA, the reference voltage is
automatically adjusted to a lower value; the VBB voltage
follows the SLPE voltage with 250 mV difference.
The excess current available for other purposes than DC
biasing of the IC becomes small. In this low voltage area,
the IC has limited performances.
When the VBB voltage reaches 2.7 V, the VBB detector of
the receive dynamic limiter on LSAO acts and discharges
the DLC capacitor. The loudspeaker is then automatically
disabled below this DC voltage.
When VBB becomes lower than 2.5 V, the TEA1099H is
forced into a low voltage mode whatever the levels on the
logic inputs are. It is a speech mode with reduced
performances only enabling the microphone channel
(between the MIC inputs and LN) and the earpiece
amplifier.
These two channels are able to deliver signals for line
currents as small as 3 mA. The HFC input is tied to GND
sinking a current typically equal to 300
µA.
POWER-DOWN MODE (PINS PD AND AUXC)
To reduce current consumption during dialling or register
recall (flash), the TEA1099H is provided with a
power-down input (PD). When the voltage on both pins PD
and AUXC is LOW, the current consumption from VBB and
VDD is reduced to 460 µA typically. Therefore a capacitor
of 470
µF on VBB is sufficient to power the TEA1099H
during pulse dialling or flash. The PD input has a pull-up
structure, while AUXC has a pull-down structure. In this
mode, the capacitor CREG is internally disconnected.
RINGER MODE (PINS ESI, VBB, AUXC AND PD)
The TEA1099H is designed to be activated during the
ringing phase. The loudspeaker amplifier can be used for
the ringing signal. The IC must be powered by an external
supply on ESI, while applying a HIGH level on the logic
input AUXC and a LOW level on PD input. Only the HFRX
input and the LSAO output are activated, in order to limit
the current consumption. Some dynamic limitation is
provided to prevent the LSAO output from saturation and
VBB from being discharged below 2.7 V.


유사한 부품 번호 - TEA1099H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

유사한 설명 - TEA1099H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1097 PHILIPS-TEA1097 Datasheet
167Kb / 36P
   Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com