전자부품 데이터시트 검색엔진 |
|
TC1303B-FB2EUN 데이터시트(PDF) 3 Page - Microchip Technology |
|
TC1303B-FB2EUN 데이터시트(HTML) 3 Page - Microchip Technology |
3 / 30 page © 2005 Microchip Technology Inc. DS21949A-page 3 TC1303B Typical Application Circuits 10-Lead DFN 1 2 6 8 7 9 10 5 4 3 SHDN2 VIN2 VOUT2 AGND PGND LX VIN1 SHDN1 VOUT1 PG 4.7 µF Processor RESET Input Voltage 4.7 µH 4.7 µF 2.1V @ 1µF 3.3V @ 4.5V to 5.5V Adjustable Output Application 121 k Ω 200 k Ω 4.99 kΩ 33 pF 1 2 6 8 7 9 10 5 4 3 SHDN2 VIN2 VOUT2 AGND PGND LX VIN1 SHDN1 VOUT1 PG 4.7 µF Processor RESET 4.7µH 4.7 µF 1.5V @ 500 mA 1µF 2.5V @ 300 mA 2.7V to 4.2V TC1303B VOUT1 VOUT2 VIN VOUT1 VOUT2 1.0 µF *Optional Capacitor VIN2 300 mA 500 mA Note: Connect DFN package exposed pad to AGND. 10-Lead MSOP Fixed Output Application TC1303B Note |
유사한 부품 번호 - TC1303B-FB2EUN |
|
유사한 설명 - TC1303B-FB2EUN |