전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA1113T 데이터시트(PDF) 6 Page - NXP Semiconductors

부품명 TEA1113T
상세설명  Low voltage versatile telephone transmission circuit with dialler interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1113T 데이터시트(HTML) 6 Page - NXP Semiconductors

Back Button TEA1113T Datasheet HTML 2Page - NXP Semiconductors TEA1113T Datasheet HTML 3Page - NXP Semiconductors TEA1113T Datasheet HTML 4Page - NXP Semiconductors TEA1113T Datasheet HTML 5Page - NXP Semiconductors TEA1113T Datasheet HTML 6Page - NXP Semiconductors TEA1113T Datasheet HTML 7Page - NXP Semiconductors TEA1113T Datasheet HTML 8Page - NXP Semiconductors TEA1113T Datasheet HTML 9Page - NXP Semiconductors TEA1113T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1997 Mar 27
6
Philips Semiconductors
Product specification
Low voltage versatile telephone
transmission circuit with dialler interface
TEA1113
The internal circuitry of the TEA1113 is supplied from
pin VCC. This voltage supply is derived from the line
voltage by means of a resistor (RCC) and must be
decoupled by a capacitor CVCC. It may also be used to
supply peripheral circuits such as dialling or control
circuits. The VCC voltage depends on the current
consumed by the IC and the peripheral circuits as shown
by the formula (see also Figs 5 and 6). RCCint is the internal
impedance of the voltage supply point, and Irec is the
current consumed by the output stage of the earpiece
amplifier.
The DC line current flowing into the set is determined by
the exchange supply voltage (Vexch), the feeding bridge
resistance (Rexch), the DC resistance of the telephone line
(Rline) and the reference voltage (Vref). With line currents
below 8 mA, the internal reference voltage (generating
Vref) is automatically adjusted to a lower value. This means
that more sets can operate in parallel with DC line voltages
(excluding the polarity guard) down to an absolute
minimum voltage of 1.6 V. At currents below 8 mA, the
circuit has limited sending and receiving levels. This is
called the low voltage area.
V
CC
V
CCO
R
CCint
I
p
I
rec
()
×
=
V
CCO
V
LN
R
CC
I
CC
×
=
handbook, halfpage
PERIPHERAL
CIRCUIT
IP
Irec
RCCint
VCC
VEE
VCCO
MBE792
Fig.5 VCC voltage supply for peripherals.
Set impedance
In the audio frequency range, the dynamic impedance is
mainly determined by the RCC resistor. The equivalent
impedance of the circuits is illustrated in Fig.7.
LED supply (pin ILED)
The TEA1113 gives an on-hook/off-hook status indication.
This is achieved by a current made available to drive an
LED connected between pins ILED and LN. In the low
voltage area, which corresponds to low line current
conditions, no current is available for this LED. For line
currents higher than a threshold current, the ILED current
increases proportionally to the line current (with a ratio of
one third).The ILED current is internally limited to 19.5 mA
(see Fig.8).
For 17 mA < Iline < 77 mA:
This LED driver is referenced to SLPE. Consequently, all
the ILED supply current will flow through the RSLPE resistor.
The AGC characteristics are not disturbed (see Fig.3 for
the supply configuration).
Microphone amplifier (pins MIC
+, MIC− and GAS)
The TEA1113 has symmetrical microphone inputs.
The input impedance between pins MIC
+ and MIC− is
64 k
Ω (2 × 32 kΩ). The voltage gain from pins MIC+/MIC−
to pin LN is set to 51.8 dB (typ). The gain can be
decreased by connecting an external resistor RGAS
between pins GAS and REG. The adjustment range is
13 dB. A capacitor CGAS connected between pins GAS
and REG can be used to provide a first-order low-pass
filter. The cut-off frequency corresponds to the time
constant CGAS × (RGASint // RGAS). RGASint is the internal
resistor which sets the gain with a typical value of 69 k
Ω.
Automatic gain control is provided on this amplifier for line
loss compensation.
Dynamic limiter and microphone mute
(pin DLS/MMUTE)
The dynamic limiter only acts on the microphone channel,
this is to prevent clipping of the line signal. To prevent
distortion, the microphone gain is rapidly reduced when
peaks on the line signal exceed an internally determined
threshold level or when the current in the transmit output
stage is insufficient. The time in which the gain reduction
is realized is very short (attack time). The microphone
channel stays in the reduced gain condition until the peaks
I
LED
I
line
17
3
----------------------
=


유사한 부품 번호 - TEA1113T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

유사한 설명 - TEA1113T

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1112 PHILIPS-TEA1112 Datasheet
154Kb / 20P
   Low voltage versatile telephone transmission circuits with dialler interface
1997 Mar 26
logo
List of Unclassifed Man...
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com