전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA5591 데이터시트(PDF) 9 Page - NXP Semiconductors

부품명 TEA5591
상세설명  AM/FM radio receiver circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5591 데이터시트(HTML) 9 Page - NXP Semiconductors

Back Button TEA5591 Datasheet HTML 5Page - NXP Semiconductors TEA5591 Datasheet HTML 6Page - NXP Semiconductors TEA5591 Datasheet HTML 7Page - NXP Semiconductors TEA5591 Datasheet HTML 8Page - NXP Semiconductors TEA5591 Datasheet HTML 9Page - NXP Semiconductors TEA5591 Datasheet HTML 10Page - NXP Semiconductors TEA5591 Datasheet HTML 11Page - NXP Semiconductors TEA5591 Datasheet HTML 12Page - NXP Semiconductors TEA5591 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
June 1989
9
Philips Semiconductors
Product specification
AM/FM radio receiver circuit
TEA5591
AC CHARACTERISTICS
All parameters are measured in Fig.5 at nominal supply voltage VP = 3 V; Tamb = 25 °C unless otherwise specified.
RF conditions: Input frequency 1 MHz; 30% modulation where fmod = 1 kHz; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
AM PERFORMANCE
RF sensitivity
AF output voltage for:
Vi = 7.5 µV
no AGC
Vo
16
30
40
mV
Noise
Signal plus noise-to-noise
ratio for:
RF input signal voltage of
Vi = 17 µV(S + N)/N
23
26
dB
Vi = 1 mV
(S
+ N)/N
48
dB
Optimum source impedance
ZS
1.8
k
Noise factor
optimum noise impedance
NF
4
dB
AGC
Change in RF input voltage
for 10 dB change in output
voltage
Vi1 = 100 mV
Vi1/Vi2
80
86
dB
AF output voltage
Vi = 100 µVVo
40
50
60
mV
Total harmonic distortion
Vi = 100 µV to 10 mV
THD
0.7
1.5
%
Vi = 100 µV to 10 mV;
m = 0.8
THD
35%
Vi = 80 mV; m = 0.8
THD
−−
8%


유사한 부품 번호 - TEA5591

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
More results

유사한 설명 - TEA5591

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
   AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
   AM/FM radio receiver circuit
March 1991
TEA5591A PHILIPS-TEA5591A Datasheet
144Kb / 14P
   AM/FM radio receiver circuit
February 1990
TEA5710 PHILIPS-TEA5710 Datasheet
229Kb / 25P
   AM/FM radio receiver circuit
March 1994
logo
List of Unclassifed Man...
TBA570A ETC1-TBA570A Datasheet
576Kb / 14P
   INTEGRATED AM/FM RADIO RECEIVER CIRCUIT
logo
Silan Microelectronics ...
SA2003 SILAN-SA2003 Datasheet
206Kb / 7P
   AM/FM RADIO RECEIVER
SA2132 SILAN-SA2132 Datasheet
133Kb / 7P
   AM/FM RADIO RECEIVER
logo
Silicon Laboratories
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com