전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FP38 데이터시트(PDF) 2 Page - Power-One

부품명 FP38
상세설명  Filter & Ring Core Chokes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER-ONE [Power-One]
홈페이지  http://www.power-one.com
Logo POWER-ONE - Power-One

FP38 데이터시트(HTML) 2 Page - Power-One

  FP38 Datasheet HTML 1Page - Power-One FP38 Datasheet HTML 2Page - Power-One FP38 Datasheet HTML 3Page - Power-One FP38 Datasheet HTML 4Page - Power-One FP38 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Accessories
Filter & Ring Core Chokes FP, L and LP Series
REV. SEP 29, 2003
Page 2 of 5
Electrical Data Filter Blocks
General Condition:
TA = 25°C unless otherwise specified
Table 2: Filter blocks FP
Characteristics
Conditions
FP38
FP80
FP144
min
typ
max
min
typ
max
min
typ
max
Unit
IFn
Rated current
L = 0.75 Lo
44
2
A DC
UFn
Rated voltage
TC min...TC max
5
40
5
80
15
144
V DC
RF
Ohmic resistance
18
20
22
18
20
22
90
95
100
Lo
No load inductance
IL = 0, TC min...TC max
30
34
38
30
34
38
88
100
112
µH
TA
Ambient temperature
IF = IFn
–40
80
–40
80
–40
95
°C
TC
Case temperature
–40
92
–40
92
–40
98
TS
Storage temperature
–40
100
–40
100
–55
100
For currents
IF
> 4 A the following derating takes place: TA max = 100 – 1.3 • IF2 [°C], TC max = 100 – 0.49 • IF2 [°C]
Reduction of Output Ripple
Even though switching regulators have an inherently low
output ripple, certain sensitive applications need even fur-
ther reduction. In such cases, the filters designed to reduce
disturbances at the input, can also be used for reducing the
ripple on the output voltage (even better results with regard
to the ripple and dynamic control deviation can be achieved
by using low-loss ring core chokes in combination with an
external capacitor, see below).
The output ripple can be reduced by the use of filter blocks
by about 24 dB. The formula for the ripple
uR at the load RL
is as follows:
uR = 0.063 • uo
(Ripple voltage
uo is given for specific regulators in the cor-
responding data section).
Consider, that the filter not only affects the output ripple but
can also influence the voltage across the load
RL in the
event of load changes. The static load regulation increases
with the ohmic resistance of the choke i.e. 24 mV/A for the
FP 38 and FP 80 filters and 95 mV/A for the FP 144 filter.
Vi+
Gi–
Vo+
Go–
PSR
RL
UR
U
Filter
Uio
Uii
Gi
Uo
12010
Fig. 2
Reduction of voltage interference by FP filters
Input Interference Reduction
An AC ripple current can be measured at the input of any
switching regulator, even if they are equipped with an input
filter. Depending on the types of filters used, common and/
or differential mode interferences can be reduced. They will
also help to further increase the surge and burst immunity
of the power supplies.
The FP filters considerably increase the source impedance
of the regulators superimposed interference, to a value
which is normally high in comparison to the impedance of
the source (
ZLine). The interference currents are therefore
practically independent of their source impedance. The fil-
ter will reduce these currents by approximately 25 dB at a
frequency of 150 kHz.
The interference voltages at the filter input are due to the
remaining interference currents flowing through the source
impedance. The resulting interference voltage reduction
can be seen in the following figure. For frequencies above
the regulator switching frequency the attenuation will in-
crease (up to 2 MHz approx.).
Parallel operation: When several switching regulator inputs
are connected in parallel, each regulator should be
equipped with a separate input filter. Interconnections
should only be made in front of the filter or at its input Uii
(i. e. the central ground point should be before or at the filter
and under no circumstances at the regulator input).
0
1
2
3
4
5
6
10
20
30
40
ZLine [ ]
Source impedance
0
Att. [dB]
inductive
resistive
capacitive
12009
Fig. 1
Interference voltage reduction with FP filters at f = 150 kHz


유사한 부품 번호 - FP38

제조업체부품명데이터시트상세설명
logo
Eaton All Rights Reserv...
FP3 EATON-FP3 Datasheet
367Kb / 4P
   High current, low profile inductors
logo
Cooper Bussmann, Inc.
FP3-100-R COOPER-FP3-100-R Datasheet
139Kb / 3P
   Low Profile Inductors
logo
Eaton All Rights Reserv...
FP3-100-R EATON-FP3-100-R Datasheet
367Kb / 4P
   High current, low profile inductors
logo
Cooper Bussmann, Inc.
FP3-150-R COOPER-FP3-150-R Datasheet
139Kb / 3P
   Low Profile Inductors
logo
Eaton All Rights Reserv...
FP3-150-R EATON-FP3-150-R Datasheet
367Kb / 4P
   High current, low profile inductors
More results

유사한 설명 - FP38

제조업체부품명데이터시트상세설명
logo
TDK Electronics
B82623G0001A003 TDK-B82623G0001A003 Datasheet
724Kb / 7P
   Power line chokes Ring core chokes with iron powder core
B82625B2102M001 TDK-B82625B2102M001 Datasheet
728Kb / 7P
   Power line chokes Ring core chokes with iron powder core
logo
EPCOS
B82615 EPCOS-B82615 Datasheet
236Kb / 6P
   Chokes for Power Lines Ring Core Chokes with Iron Powder Core
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
B82747F4103N001 TDK-B82747F4103N001 Datasheet
780Kb / 6P
   Current-compensated ring core triple chokes
B82767S4123N030 TDK-B82767S4123N030 Datasheet
598Kb / 7P
   Current-compensated ring core quad chokes
B82745S6123N002 TDK-B82745S6123N002 Datasheet
362Kb / 6P
   Current-compensated ring core triple chokes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com