전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA5762H 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TEA5762H
상세설명  Self Tuned Radio STR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA5762H 데이터시트(HTML) 3 Page - NXP Semiconductors

  TEA5762H Datasheet HTML 1Page - NXP Semiconductors TEA5762H Datasheet HTML 2Page - NXP Semiconductors TEA5762H Datasheet HTML 3Page - NXP Semiconductors TEA5762H Datasheet HTML 4Page - NXP Semiconductors TEA5762H Datasheet HTML 5Page - NXP Semiconductors TEA5762H Datasheet HTML 6Page - NXP Semiconductors TEA5762H Datasheet HTML 7Page - NXP Semiconductors TEA5762H Datasheet HTML 8Page - NXP Semiconductors TEA5762H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
1999 Aug 04
3
Philips Semiconductors
Product specification
Self Tuned Radio (STR)
TEA5762
QUICK REFERENCE DATA
Notes
1. VCC1 =3V; VCC2 =12V; VDDD =3V; fi = 1 MHz; m = 0.3; fmod = 1 kHz; measured in Fig.9 with S1 in position A; S2
in position B; unless otherwise specified.
2. VCC1 =3V; VCC2 = 12 V; VDDD =3V; fi = 10.7 MHz; ∆fm = 22.5 kHz; fm = 1 kHz; measured in Fig.9 with S2 in
position A; S3 in position A; unless otherwise specified.
3. VCC1 =3V; VCC2 = 12 V; VDDD =3V; Vi3(L + R) = 155 mV; Vpilot = 15.5 mV; fi = 1 kHz; measured in Fig.9 with S2 in
position B; S3 in position B; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC1
supply voltage
2.5
12
V
VCC2
supply voltage for tuning
−−
12
V
Vtune
tuning voltage
0.7
VCC2 − 0.75
V
ICC1
supply current
AM mode
12
15
18
mA
FM mode
13
16
19
mA
IDD
supply current
AM mode
3.3
mA
FM mode
2.7
mA
ICC2
supply current for tuning in preset
mode (band-end to band-end)
−−
800
µA
Tamb
ambient temperature
−15
+60
°C
AM performance; note 1
V10
AF output voltage
Vi1 = 5 mV
36
45
70
mV
Vi1
RF sensitivity input voltage
S/N = 26 dB
40
55
70
µV
THD
total harmonic distortion
Vi1 =1mV
0.8
2.0
%
FM performance; note 2
V10
AF output voltage
Vi4 = 5 mV
40
48
57
mV
Vi4
IF sensitivity input voltage
V10 = −3 dB; V10 =0dB
at Vi4 =10mV
20
30
µV
THD
total harmonic distortion
IF filter
SFE10.7MS3A20K-A
0.3
0.8
%
MPX performance; note 3
αcs
channel separation
Vi4 =30mV
26
30
dB


유사한 부품 번호 - TEA5762H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA5760UK NXP-TEA5760UK Datasheet
220Kb / 37P
   Single chip FM stereo radio
Rev. 01-14 December 2006
TEA5761UK NXP-TEA5761UK Datasheet
239Kb / 45P
   Low voltage single-chip FM stereo radio
Rev. 01-2 August 2006
TEA5764HN PHILIPS-TEA5764HN Datasheet
287Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
TEA5764UK PHILIPS-TEA5764UK Datasheet
281Kb / 64P
   FM radio RDS
Rev. 02-9 August 2005
TEA5767 PHILIPS-TEA5767 Datasheet
382Kb / 2P
   single-chip FM stereo radio
March 2002
More results

유사한 설명 - TEA5762H

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA5757 PHILIPS-TEA5757 Datasheet
172Kb / 32P
   Self Tuned Radio STR
1999 Aug 26
TEA5757HL PHILIPS-TEA5757HL Datasheet
209Kb / 40P
   Self Tuned Radio STR
2000 Feb 02
logo
National Semiconductor ...
LM1863 NSC-LM1863 Datasheet
268Kb / 14P
   AM Radio System for Electronically Tuned Radios
logo
SHENZHEN FUMAN ELECTRON...
TC9088 FUMAN-TC9088 Datasheet
233Kb / 6P
   Single-chip electrically tuned FM radio IC
logo
American Accurate Compo...
JXWBSJ-T-2000-4000-50D AAC-JXWBSJ-T-2000-4000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
logo
Agilent(Hewlett-Packard...
VTO-8000 HP-VTO-8000 Datasheet
918Kb / 7P
   Varactor-Tuned Oscillators
logo
American Accurate Compo...
JXWBSJ-T-500-1000-50D AAC-JXWBSJ-T-500-1000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-1000-2000-50D AAC-JXWBSJ-T-1000-2000-50D Datasheet
66Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-4000-8000-50D AAC-JXWBSJ-T-4000-8000-50D Datasheet
61Kb / 1P
   Electrically Tuned Attenuator
JXWBSJ-T-8000-18000-60D AAC-JXWBSJ-T-8000-18000-60D Datasheet
60Kb / 1P
   Electrically Tuned Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com