전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4002G 데이터시트(PDF) 2 Page - Jinan Gude Electronic Device

부품명 1N4002G
상세설명  RATINGS AND CHARACTERISTIC CURVES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JGD [Jinan Gude Electronic Device]
홈페이지  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

1N4002G 데이터시트(HTML) 2 Page - Jinan Gude Electronic Device

  1N4002G Datasheet HTML 1Page - Jinan Gude Electronic Device 1N4002G Datasheet HTML 2Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - 1N4002G

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
1N4002G PHILIPS-1N4002G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4002G CHENDA-1N4002G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4002G GULFSEMI-1N4002G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4002G LRC-1N4002G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
1N4002G LRC-1N4002G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
More results

유사한 설명 - 1N4002G

제조업체부품명데이터시트상세설명
logo
Shenzhen Luguang Electr...
50SMDG11A LUGUANG-50SMDG11A Datasheet
222Kb / 3P
   Rating and Characteristic Curves 5.0SMDG Series
logo
SUNMATE electronic Co.,...
FMU-12S SUNMATE-FMU-12S Datasheet
450Kb / 2P
   FMU-12S-FMU-16S Ratings AND Charactieristic Curves
logo
Shenzhen Ping Sheng Ele...
SS32B PFS-SS32B Datasheet
155Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
List of Unclassifed Man...
SS12A ETC2-SS12A Datasheet
38Kb / 2P
   RATING AND CHARACTERTIC CURVES
logo
New Jersey Semi-Conduct...
SM3F NJSEMI-SM3F Datasheet
121Kb / 2P
   Derating Curves
logo
Rohm
SLR343WBC7T3 ROHM-SLR343WBC7T3 Datasheet
164Kb / 5P
   Electrical Characteristics Curves
logo
Omron Electronics LLC
E3S5E4S45 OMRON-E3S5E4S45 Datasheet
256Kb / 5P
   Ratings and Specifications
logo
New Jersey Semi-Conduct...
1N2154-60 NJSEMI-1N2154-60 Datasheet
50Kb / 1P
   electrical ratings and specifications
logo
DONGGUAN YOU FENG WEI E...
ES1A-SMA YFWDIODE-ES1A-SMA Datasheet
100Kb / 2P
   Major Ratings and Characteristics
ES2A-SMA YFWDIODE-ES2A-SMA Datasheet
247Kb / 2P
   Major Ratings and Characteristics
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com