전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-FR104 데이터시트(PDF) 7 Page - Seoul Semiconductor

부품명 SSC-FR104
상세설명  CHIP LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-FR104 데이터시트(HTML) 7 Page - Seoul Semiconductor

  SSC-FR104 Datasheet HTML 1Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 2Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 3Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 4Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 5Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 6Page - Seoul Semiconductor SSC-FR104 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
9. Precaution for use
(1) Storage
In order to avoid the absorption of moisture, it is recommended to store in the dry box (or desiccator)
with a desiccant. Otherwise, to store them in the following environment is recommended.
Temperature : 5℃~30℃
Humidity : 60%HR max.
(2) Attention after opened
However LED is corresponded SMD, when LED be soldered dip, interfacial separation may affect the
light transmission efficiency, causing the light intensity to drop. Attention in followed.
a. After opened and mounted, the soldering shall be quickly.
b. Keeping of a fraction
Temperature : 5 ~ 40℃
Humidity : less than 30%
(3) In case of more than 1 week passed after opening or change color of indicator on desiccant
components shall be dried 10-12hr. at 60±5℃.
(4) In case of supposed the components is humid, shall be dried dip-solder just before.
100Hr at 80±5℃ or 12Hr at 100±5℃.
(5) Any mechanical force or any excess vibration shall not be accepted to apply during cooling process to
normal temp. after soldering.
(6) Quick cooling shall not be avoid.
(7) Components shall not be mounted on warped direction of PCB.
(8) Anti radioactive ray design is not considered for the products listed here in.
(9) Gallium arsenide is used in some of the products listed in this publication. These products are
dangerous if they are burned or smashed in the process of disposal. It is also dangerous to drink the
liquid or inhale the gas generated by such products when chemically disposed.
(10) This device should not be used in any type of fluid such as water, oil, organic solvent and etc. When
washing is required, IPA should be used.
(11) When the LEDs are illuminating, operating current should be decided after considering the ambient
maximum temperature.
(12) LEDs must be stored to maintain a clean atmosphere. If the LEDs are stored for 3 months or more
after being shipped from SSC, a sealed container with a nitrogen atmosphere should be used for storage.
(13) The LEDs must be soldered within seven days after opening the moisture-proof packing.
(14) Repack unused products with anti-moisture packing, fold to close any opening and then store in a dry
place.
(15) The appearance and specifications of the product may be modified for improvement without notice.
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 7/7 -
SSC-FR104-II1
SSC-QP-0401-06(REV.0)


유사한 부품 번호 - SSC-FR104

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results

유사한 설명 - SSC-FR104

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com