전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6323T 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA6323T
상세설명  Sound fader control circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6323T 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA6323T Datasheet HTML 1Page - NXP Semiconductors TEA6323T Datasheet HTML 2Page - NXP Semiconductors TEA6323T Datasheet HTML 3Page - NXP Semiconductors TEA6323T Datasheet HTML 4Page - NXP Semiconductors TEA6323T Datasheet HTML 5Page - NXP Semiconductors TEA6323T Datasheet HTML 6Page - NXP Semiconductors TEA6323T Datasheet HTML 7Page - NXP Semiconductors TEA6323T Datasheet HTML 8Page - NXP Semiconductors TEA6323T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1995 Dec 20
2
Philips Semiconductors
Preliminary specification
Sound fader control circuit
TEA6323T
FEATURES
• Source selector for three stereo and one differential
stereo input for remote sources
• The differential stereo input works optional as a fourth
stereo input and the common mode pin can be used as
well as an additional mono input
• Interface for noise reduction circuits
• Interface for external equalizer
• Volume, balance and fader control
• Output at volume I for external booster
• Special loudness characteristic automatically controlled
in combination with volume setting
• Bass control with equalizer filters
• Treble control
• Mute control at audio signal zero crossing
• Logic output to read mute status
• Fast mute control via I2C-bus
• Fast mute control via pin
• I2C-bus control for all functions
• Power supply with internal power-on reset
• Power down indication.
GENERAL DESCRIPTION
The sound fader control circuit TEA6323T is an I2C-bus
controlled stereo preamplifier for car radio hi-fi sound
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.5
8.5
9.5
V
ICC
supply current
VCC = 8.5 V
26
mA
Vo(rms)
maximum output voltage level
VCC = 8.5 V; THD ≤ 0.1% −
2000
mV
Gv
voltage gain
−86
+20
dB
Gstep(vol)
step resolution (volume)
1
dB
Gbass
bass control
−18
+18
dB
Gtreble
treble control
−12
+12
dB
Gstep(treble)
step resolution (treble)
1.5
dB
(S+N)/N
signal-plus-noise to noise ratio
VO = 2.0 V; Gv = 0 dB;
unweighted
105
dB
RR100
ripple rejection
Vr(rms) < 200 mV;
f = 100 Hz; Gv =0dB
75
dB
CMRR
common mode rejection ratio
differential stereo input
43
53
dB
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA6323T
VSO40
plastic very small outline package; 40 leads
SOT158-1


유사한 부품 번호 - TEA6323T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6320T PHILIPS-TEA6320T Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6321T PHILIPS-TEA6321T Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6322 PHILIPS-TEA6322 Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
More results

유사한 설명 - TEA6323T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6324T PHILIPS-TEA6324T Datasheet
250Kb / 36P
   Sound control circuit
1997 Mar 13
logo
Princeton Technology Co...
PT2318 PTC-PT2318_10 Datasheet
480Kb / 28P
   Sound Fader Controller IC
logo
Intersil Corporation
EL4094 INTERSIL-EL4094 Datasheet
491Kb / 12P
   Video Gain Control/Fader
logo
Elantec Semiconductor
EL4094C ELANTEC-EL4094C Datasheet
311Kb / 12P
   Video Gain Control/Fader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com