전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-HB103-74 데이터시트(PDF) 6 Page - Seoul Semiconductor

부품명 SSC-HB103-74
상세설명  CHIP LED DEVICE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HB103-74 데이터시트(HTML) 6 Page - Seoul Semiconductor

  SSC-HB103-74 Datasheet HTML 1Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 2Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 3Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 4Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 5Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 6Page - Seoul Semiconductor SSC-HB103-74 Datasheet HTML 7Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
8. Reel Packing Structure
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 6/7 -
SSC-HB103-74
SSC-QP-0401-06(REV.0)
SSC PART NUMBER : HB103-74-###
LOT NUMBER : ##########
QUANTITY : 4,000
PO NUMBER : ########
PART NO. : ##########
SEOUL SEMICONDUCTOR CO.,LTD
Q'YT
: 40,000EA
PART
: SSC-HB103-74-###
CHIP LED
DATE
:
LOT NO :
CODE :
*Material: Paper(SW3B(B))
SIZE(mm)
a
7inch 245
TYPE
c
b
220
142
CHIP LED
a
b
c
Aluminum Vinyl Bag
Reel
PART NO. : ##########
LOT NUMBER : ##########
PO NUMBER : ########
QUANTITY : 4,000
Outer Box
SSC PART NUMBER : HB103-74-###


유사한 부품 번호 - SSC-HB103-74

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HB103-69 SEOUL-SSC-HB103-69 Datasheet
547Kb / 7P
   CHIP LED DEVICE
More results

유사한 설명 - SSC-HB103-74

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com