전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MCZ79076R2 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MCZ79076R2
상세설명  Electronic Ignition Control Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ79076R2 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ79076R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ79076R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
79076
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 2. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
CC ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUTS
Advance Input Resistance
(VCC = 16 V, Ref/Dwell = 1.0 V, Advance = 1.0 mA, EST =
Bypass = 0 V)
R(A)
15
18
25
k
Advance Voltage (7)
VCC = 16 V, Ref/Dwell = 1.0 V, EST = Bypass = 0 V
VTH(A)
-
0.05
0.1
V
Advance Threshold Voltage (7)
(VCC = 16 V, Ref/Dwell = 1.0 V, EST = Bypass = 0 V,)
Dwell = Reference = RPM Detect = open,
Dwell Control = sinking 10 µA)
Increasing
Decreasing
Hysteresis
VTH+(A)
VTH-(A)
VHYS(A)
VB + 0.103
VB + 0.045
0.018
VB + 0.114
VB + 0.068
0.045
VB + 0.130
-
-
V
Bypass Input Resistance
(VCC = 16 V, Ref/Dwell = Advance = 3.0 V, EST = Bypass = 0 V)
R(BP)
6.0
9.2
16
k
Bypass Voltage
(VCC = 16 V, Ref/Dwell = Advance = 1.0 V, EST = 0V)
V(BP)
-
0.065
0.1
V
Bypass Threshold Voltage (8)
(Ref/Dwell = Advance = 1.0 V, EST = 3.0 V)
Increasing
Decreasing
Hysteresis
VTH+(BP)
VTH-(BP)
VHYS(BP)
VB + 1.6
VB + 0.9
0.65
VB + 0.188
VB + 0.103
0.86
VB + 2.1
-
-
V
Current Sense Threshold Voltage (9)
(VCC = 16 V, Ref/Dwell = Advance = 1.0 V, EST = Bypass = 3.0 V)
VTH(CS)
90
105
121
mV
EST Input Resistance
(VCC = 16 V, Ref/Dwell = Advance = 1.0 V, Bypass = 3.0 V)
R(EST)
7.0
10.3
18
k
EST Input Voltage (EST Mode)
(VCC = 16 V, Ref/Dwell = Advance = 1.0 V, Bypass = 3.0 V)
V(EST)
-
0.07
0.1
V
Notes
7.
Advance Threshold Voltage is the positive (or negative) going voltage on Advance necessary cause the Dwell Control voltage to positive
(or negative) going transition 2.0 V respectively. It is expressed as VTH±(A) = VB + VX where VB is the Bias Voltage and VX is the additional
voltage necessary to attain the threshold.
8.
Bypass Threshold Voltage is the positive (or negative) going voltage on Bypass necessary cause the Dwell voltage to positive (or
negative) going transition 1.5 V respectively. It is expressed as VTH±(BP) = VB + VX where VB is the Bias Voltage and VX is the additional
voltage necessary to attain the threshold.
9.
Increasing voltage on Current Sense which when attained will cause Dwell to transition low to 1.5 V with a 10 mA load.


유사한 부품 번호 - MCZ79076R2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MCZ79076EG/R2 NXP-MCZ79076EG/R2 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
More results

유사한 설명 - MCZ79076R2

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
79076 NXP-79076 Datasheet
522Kb / 13P
   Electronic Ignition Control Circuit
Rev. 3.0, 3/2007
logo
Motorola, Inc
MC79076 MOTOROLA-MC79076 Datasheet
64Kb / 2P
   ELECTRONIC IGNITION CONTROL CIRCUIT
logo
Mallory performance clu...
686M MALLORY-686M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M_14 Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
6861M MALLORY-6861M Datasheet
785Kb / 12P
   ELECTRONIC IGNITION CONTROL
6852M MALLORY-6852M Datasheet
1Mb / 36P
   ELECTRONIC IGNITION CONTROL
6855M MALLORY-6855M Datasheet
218Kb / 12P
   ELECTRONIC IGNITION CONTROL
6865M MALLORY-6865M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
686M MALLORY-686M Datasheet
1Mb / 12P
   ELECTRONIC IGNITION CONTROL
logo
STMicroelectronics
ICC03-400B2 STMICROELECTRONICS-ICC03-400B2 Datasheet
47Kb / 7P
   IGNITION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com