전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSC-HBTGFR5210 데이터시트(PDF) 7 Page - Seoul Semiconductor

부품명 SSC-HBTGFR5210
상세설명  CHIP LED DEVICE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEOUL [Seoul Semiconductor]
홈페이지  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-HBTGFR5210 데이터시트(HTML) 7 Page - Seoul Semiconductor

  SSC-HBTGFR5210 Datasheet HTML 1Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 2Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 3Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 4Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 5Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 6Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 7Page - Seoul Semiconductor SSC-HBTGFR5210 Datasheet HTML 8Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
8. Reel Packing Structure
P / N : # # # # # # # # # #
L o t N o
# # # # # # # # #
수량 : 3000
SIZE(mm)
TYPE
142
c
a
CHIP LED
b
CHIP LED
Q'YT :30,000EA
CODE :
DATE :
LOT NO :
SEOUL SEMICONDUCTOR CO.,LTD
c
7inch 245
a
220
b
Aluminum Vinyl Bag
Outer Box
Reel
*Material: Paper(SW3B(B))
L o t N o
# # # # # # # # #
수량 : 3000
P / N : # # # # # # # # # #
제품명 SSC-HBTGFR5210
제품명 SSC-HBTGFR5210
PART : SSC-HBTGFR5210
##
##
SEOUL SEMICONDUCTOR CO,. LTD.
148-29 Kasan-Dong, Keumchun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 7/8 -
SSC-HBTGFR5210
SSC-QP-0401-06(REV.0)


유사한 부품 번호 - SSC-HBTGFR5210

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HBTGFR421 SEOUL-SSC-HBTGFR421 Datasheet
405Kb / 7P
   CHIP LED DEVICE
More results

유사한 설명 - SSC-HBTGFR5210

제조업체부품명데이터시트상세설명
logo
Seoul Semiconductor
SSC-HB105-69 SEOUL-SSC-HB105-69 Datasheet
409Kb / 7P
   CHIP LED DEVICE
SSC-HB105-LA SEOUL-SSC-HB105-LA Datasheet
423Kb / 7P
   CHIP LED DEVICE
SSC-FR104 SEOUL-SSC-FR104 Datasheet
388Kb / 7P
   CHIP LED DEVICE
SSC-UY101-IE1 SEOUL-SSC-UY101-IE1 Datasheet
465Kb / 7P
   CHIP LED DEVICE
WH1222 SEOUL-WH1222 Datasheet
444Kb / 8P
   CHIP LED DEVICE
SSC-THB105-69 SEOUL-SSC-THB105-69 Datasheet
427Kb / 7P
   CHIP LED DEVICE
SSC-UY401 SEOUL-SSC-UY401 Datasheet
515Kb / 7P
   CHIP LED DEVICE
SSC-HBFR411-SK SEOUL-SSC-HBFR411-SK Datasheet
261Kb / 7P
   CHIP LED DEVICE
WH104-S SEOUL-WH104-S Datasheet
394Kb / 10P
   CHIP LED DEVICE
NB104-S SEOUL-NB104-S Datasheet
503Kb / 8P
   CHIP LED DEVICE
SSC-FR104-II1 SEOUL-SSC-FR104-II1 Datasheet
388Kb / 7P
   CHIP LED DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com