전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6811V 데이터시트(PDF) 11 Page - NXP Semiconductors

부품명 TEA6811V
상세설명  Front-end and PLL synthesizers for car radios
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6811V 데이터시트(HTML) 11 Page - NXP Semiconductors

Back Button TEA6811V Datasheet HTML 7Page - NXP Semiconductors TEA6811V Datasheet HTML 8Page - NXP Semiconductors TEA6811V Datasheet HTML 9Page - NXP Semiconductors TEA6811V Datasheet HTML 10Page - NXP Semiconductors TEA6811V Datasheet HTML 11Page - NXP Semiconductors TEA6811V Datasheet HTML 12Page - NXP Semiconductors TEA6811V Datasheet HTML 13Page - NXP Semiconductors TEA6811V Datasheet HTML 14Page - NXP Semiconductors TEA6811V Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1996 Jun 18
11
Philips Semiconductors
Product specification
Front-end and PLL synthesizers for
car radios
TEA6810V; TEA6811V
SYNTHESIZER (see Fig.6)
Reference frequency input (pins 6 and 7)
Vref(p-p)
reference frequency input
voltage (V6 to V7)
(peak-to-peak value)
0.4
V
ttrans
reference frequency transition
time
−−
50
ns
fref
input reference frequency for:
tuning step (kHz) N2
FM
50
−−
50
kHz
AM standard SW1
5
10
50
kHz
AM full-band MW (USA)
10
5
50
kHz
FM
25
−−
25
kHz
AM full-band SW1
5
5
25
kHz
AM standard MW/LW
1
15
15
kHz
AM full-band MW/LW
3
5
15
kHz
AM full-band SW2
5
3
15
kHz
FM
10
−−
10
kHz
AM standard SW1
1
10
10
kHz
AM full-band MW/LW
1
5
5
kHz
AM full-band SW1
1
5
5
kHz
AM full-band SW2
1
3
5
kHz
Phase detector/charge pump
IOL
LOW level output charge
pump current
V40 = 4 V
120
175
215
µA
IOH
HIGH level output charge
pump current
V40 = 4 V
0.85
1
1.2
mA
VOL
LOW level tuning voltage at
charge pump LOW
IO = 0.5Icharge; V13 = 8.5 V
0.2
8.25
V
VOH
HIGH level tuning voltage at
charge pump HIGH
IO = 0.5Icharge; V13 = 8.5 V
0.4
8.0
V
Ioz
3-state output current
V40 =4V
−5
+5
nA
∆f
r(p-p)
residual FM frequency
(peak-to-peak value)
B = 300 Hz to 20 kHz;
Icharge =IOL; fi = 100 MHz
916(2)
Hz
tlock
lock time
FM = 88 to 108 MHz
2
ms
FM = 108 to 88 MHz
2
ms
AM = 510 to 1710 kHz
2
ms
AM = 1710 to 510 kHz
2
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT


유사한 부품 번호 - TEA6811V

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

유사한 설명 - TEA6811V

제조업체부품명데이터시트상세설명
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
Burr-Brown (TI)
AFEDRI8201 BURR-BROWN-AFEDRI8201 Datasheet
240Kb / 22P
   IF ADC Front End for AM/FM and HD Radios
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
logo
NXP Semiconductors
TEF6730A NXP-TEF6730A Datasheet
276Kb / 58P
   Front-end for digital-IF car radio
Rev. 01-21 February 2007
logo
Panasonic Semiconductor
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
NXP Semiconductors
TEF6730 NXP-TEF6730 Datasheet
270Kb / 56P
   Front-end for digital-IF car radio
Rev. 01-10 July 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com