전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6823T 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 TEA6823T
상세설명  In Car Entertainment ICE car radio
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6823T 데이터시트(HTML) 3 Page - NXP Semiconductors

  TEA6823T Datasheet HTML 1Page - NXP Semiconductors TEA6823T Datasheet HTML 2Page - NXP Semiconductors TEA6823T Datasheet HTML 3Page - NXP Semiconductors TEA6823T Datasheet HTML 4Page - NXP Semiconductors TEA6823T Datasheet HTML 5Page - NXP Semiconductors TEA6823T Datasheet HTML 6Page - NXP Semiconductors TEA6823T Datasheet HTML 7Page - NXP Semiconductors TEA6823T Datasheet HTML 8Page - NXP Semiconductors TEA6823T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
1998 Mar 24
3
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6823T; TEA6825T
QUICK REFERENCE DATA
Note
1. IC is operating; specified parameters may deviate from limits which are valid for operating range.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDDA1
analog supply voltage 1 (+5 V; pin 5)
note 1
4.5
5.0
5.5
V
operating range
4.75
5.0
5.25
V
IDDA1
analog supply current 1 (pin 5)
FM mode
17
21
25
mA
AM mode
14
17
21
mA
I19 +I20
total FM mixer output current
4.8
6.0
7.2
mA
I22 +I23
total AM mixer output current
10
12
14
mA
VDDA2
analog supply voltage 2 (pin 28)
note 1
7.0
8.5
10
V
operating range
8.1
8.5
8.9
V
IDDA2
analog supply current 2 (pin 28)
FM mode
2.4
3.0
3.6
mA
VDDA3
analog supply voltage 3 (+8.5 V; pin 56)
note 1
7.0
8.5
10
V
operating range
8.1
8.5
8.9
V
IDDA3
analog supply current 3 (pin 56)
FM mode
19
24
28
mA
AM mode
9.5
12
15
mA
VDDD
digital supply voltage 1 (+5 V; pin 52)
note 1
4.5
5.0
5.5
V
operating range
4.75
5.0
5.25
V
IDDD
digital supply current (pin 52)
note 1
8
10
12
mA
signal plus noise-to-noise ratio
FM mode;
∆f = 22.5 kHz at
pins 43 and 47
66
75
dB
AM mode; m = 0.3
54
60
dB
THD
total harmonic distortion
FM mode;
∆f=75kHz
0.1
0.35
%
AM mode
1.5
3
%
α
cs
channel separation (adjusted)
40
−−
dB
Tamb
operating ambient temperature
−40
+85
°C
SN
+
N
--------------


유사한 부품 번호 - TEA6823T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6824 PHILIPS-TEA6824 Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
More results

유사한 설명 - TEA6823T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com