전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSR-CLD-Q1 데이터시트(PDF) 1 Page - DOMINANT Semiconductors

부품명 SSR-CLD-Q1
상세설명  Surface Mount AlInGaP Spice LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DOMINANT [DOMINANT Semiconductors]
홈페이지  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSR-CLD-Q1 데이터시트(HTML) 1 Page - DOMINANT Semiconductors

  SSR-CLD-Q1 Datasheet HTML 1Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 2Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 3Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 4Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 5Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 6Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 7Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 8Page - DOMINANT Semiconductors SSR-CLD-Q1 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 1 of 1
Surface Mount AlInGaP Spice LED : SSx-CLD
Note: The center pad is a common cathode. Please
take care during soldering to avoid shorting.
• High brightness diffused surface mount LED.
• Super wide viewing angle of 160°.
• Equivalent to 0603 package outline. Copper lead-frame construction.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to IR reflow soldering.


유사한 부품 번호 - SSR-CLD-Q1

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SSR-CLD-PQ1-1 DOMINANT-SSR-CLD-PQ1-1 Datasheet
1Mb / 16P
   SpiceLED
More results

유사한 설명 - SSR-CLD-Q1

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
logo
Agilent(Hewlett-Packard...
HSMA-TX25 HP-HSMA-TX25 Datasheet
155Kb / 5P
   Surface Mount High Performance AlInGaP LED Indicators
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDY-SRS-C10 BRIGHT-BL-PDY-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com