전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6824T 데이터시트(PDF) 4 Page - NXP Semiconductors

부품명 TEA6824T
상세설명  In Car Entertainment ICE car radio
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6824T 데이터시트(HTML) 4 Page - NXP Semiconductors

  TEA6824T Datasheet HTML 1Page - NXP Semiconductors TEA6824T Datasheet HTML 2Page - NXP Semiconductors TEA6824T Datasheet HTML 3Page - NXP Semiconductors TEA6824T Datasheet HTML 4Page - NXP Semiconductors TEA6824T Datasheet HTML 5Page - NXP Semiconductors TEA6824T Datasheet HTML 6Page - NXP Semiconductors TEA6824T Datasheet HTML 7Page - NXP Semiconductors TEA6824T Datasheet HTML 8Page - NXP Semiconductors TEA6824T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1997 May 05
4
Philips Semiconductors
Preliminary specification
In Car Entertainment (ICE) car radio
TEA6824T
BLOCK DIAGRAM
Fig.1 Block diagram.
22 nF
100 nF
330
10 k
10 k
100 nF
11
SFE10.7
61.5 MHz
SCL
SDA
39
40
50
43
48
25
26
220 nF
100 nF
100 k
33 k
33 k
AMSTOP
MPX
AMAF
Vref
1.5 nF
22 k
100 k
820 k
47 k
10 nF
LEVELADJ
29
14
62 pF
4.3 k
÷ 2 /÷ 6
54
SDA
SCL
10 k
330
330
Vref
100
100 nF
SFP450
100 k
2.2 nF
9
49
2
6
1
R40
R51
53
7
10
13
20
24
27
33
28
8
42
38
37
36
35
34
55
19
FMSTOP
22
23
AFC
IF
MPX
MULTI-
ADC
I2C-BUS
COUNTER
BUFFER
20 kHz
LEVEL
ADC
DELOG
AM
AMPLIFIER
LEVEL
:N5
AM AMPLIFIER
FM LIMITER
SWITCH
AM/FM
REFERENCE
OSCILLATOR
FM
AM
SUPPLY
56
52
12
5
4
100
120 k
10
100
470 nF
33
µF
47
µF
VCCA
33
µF
10
VCCD
47
µF
220 nF
22
µH
TEA6824T
TR3
56 pF
10
nF
9922 521 00098
or Daiwa AT - 49
3
15
16
21
17
18
30
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
n.c.
31
32
41
44
45
46
47
51
LEVEL
DETECTOR
LEVEL
BUFFER
IF
FREQUENCY
AMPLIFIER
PATH
nF
AMPLIFIER
VCC
VCC1
Vref
+8.5 V
+5 V
+5 V
VCCD
+5 V
L13
TR5
R39
VINT1
VINT2
nF
nF
PHILIPS
10 k
VCC1
10.7 MHz
10.7 MHz
10.7 MHz
10.7 MHz
72.2 MHz
ZS369SCS-2144AJ
f ref
TK
COMPEN-
SATION
7PSAG-1946D = S
TOKO
P392BC-1977Z
MHA537


유사한 부품 번호 - TEA6824T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6822T PHILIPS-TEA6822T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823 PHILIPS-TEA6823 Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
More results

유사한 설명 - TEA6824T

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6840H PHILIPS-TEA6840H Datasheet
1Mb / 44P
   New In Car Entertainment NICE car radio
1999 Jul 12
TEA6821T PHILIPS-TEA6821T Datasheet
513Kb / 47P
   ICE car radio
September 1993
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com