전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSO-CLD-J2 데이터시트(PDF) 2 Page - DOMINANT Semiconductors

부품명 SSO-CLD-J2
상세설명  SpiceLED AlInGaP S-Spice
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DOMINANT [DOMINANT Semiconductors]
홈페이지  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSO-CLD-J2 데이터시트(HTML) 2 Page - DOMINANT Semiconductors

  SSO-CLD-J2 Datasheet HTML 1Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 2Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 3Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 4Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 5Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 6Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 7Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 8Page - DOMINANT Semiconductors SSO-CLD-J2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
10/03/2006 V1.0
2
SSS-CLD-HJ2-I2
• SSS-CLD-H1
• SSS-CLD-H2
• SSS-CLD-J1
• SSS-CLD-J2
SSO-CLD-JK2-I2
• SSO-CLD-J1
• SSO-CLD-J2
• SSO-CLD-K1
• SSO-CLD-K2
SSY-CLD-JK2-I2
• SSY-CLD-J1
• SSY-CLD-J2
• SSY-CLD-K1
• SSY-CLD-K2
AlInGaP
Super Red, 632 nm
AlInGaP
Orange, 605 nm
AlInGaP
Yellow, 587 nm
160
160
160
2.80 - 7.20
2.80 - 3.55
3.55 - 4.50
4.50 - 5.60
5.60 - 7.20
4.50 - 11.20
4.50 - 5.60
5.60 - 7.20
7.20 - 9.00
9.00 - 11.20
4.50 - 11.20
4.50 - 5.60
5.60 - 7.20
7.20 - 9.00
9.00 - 11.20
AlInGaP S-Spice : SSx-CLD-I2
DOMINANT TM
Semiconductors
Innovating Illumination
Part Ordering
Number
Chip Technology
/ Color
Viewing
Angle˚
Luminous Intensity @
IF = 2mA IV (mcd)
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Other luminious intensity groups are also available upon request
3. Luminous intensity is measured with an accuracy of ± 11%.
4. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Wavelength distribution (nm)
Wavelength Grouping
Color
SSS; Super Red
SSO; Orange
SSY; Yellow
625 - 640
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
Dominant wavelength is measured with an accuracy of ± 1nm .
Group
Full
Full
W
X
Y
Z
Full
W
X
X
Y


유사한 부품 번호 - SSO-CLD-J2

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SSO-CLD-JK2-1-I2 DOMINANT-SSO-CLD-JK2-1-I2 Datasheet
967Kb / 14P
   SpiceLED
More results

유사한 설명 - SSO-CLD-J2

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SST-SLD-L2N1-1 DOMINANT-SST-SLD-L2N1-1 Datasheet
788Kb / 12P
   SpiceLED InGaN S-Spice
SST-ULD-ST1-1 DOMINANT-SST-ULD-ST1-1 Datasheet
784Kb / 11P
   SpiceLED InGaN S-Spice
SSW-SLD DOMINANT-SSW-SLD Datasheet
778Kb / 12P
   SpiceLED InGaN White S-Spice
SSW-ULD DOMINANT-SSW-ULD Datasheet
780Kb / 12P
   SpiceLED InGaN White S-Spice
SMT-ULD-ST1-1 DOMINANT-SMT-ULD-ST1-1 Datasheet
619Kb / 11P
   SpiceLED InGaN M-Spice
SMT-SLD-L2N1-1 DOMINANT-SMT-SLD-L2N1-1 Datasheet
625Kb / 12P
   SpiceLED InGaN M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-ULD DOMINANT-SMW-ULD Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SSS-CLD-N2P-1 DOMINANT-SSS-CLD-N2P-1 Datasheet
387Kb / 9P
   Surface Mount AlInGaP Spice LED
SSX-CLD-I2 DOMINANT-SSX-CLD-I2_16 Datasheet
967Kb / 14P
   SpiceLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com