전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSO-CLD-QR1-1 데이터시트(PDF) 3 Page - DOMINANT Semiconductors

부품명 SSO-CLD-QR1-1
상세설명  Surface Mount AlInGaP Spice LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DOMINANT [DOMINANT Semiconductors]
홈페이지  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

SSO-CLD-QR1-1 데이터시트(HTML) 3 Page - DOMINANT Semiconductors

  SSO-CLD-QR1-1 Datasheet HTML 1Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 2Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 3Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 4Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 5Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 6Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 7Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 8Page - DOMINANT Semiconductors SSO-CLD-QR1-1 Datasheet HTML 9Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DOMINANT Semiconductors
19/05/05
S SpiceLED AlInGaP SSx-CLD-v3
Page 3 of 3
Wavelength Grouping.
Color
Group
Wavelength distribution (nm)
SSS, Super Red
Full
625 – 640
SSR; Red
Full
620 – 630
SSO; Orange
Full
W
X
Y
Z
600 – 612
600 – 603
603 – 606
606 - 609
609 - 612
SSY; Yellow
Full
W
X
Y
Z
582 – 594
582 – 585
585 – 588
588 - 591
591 - 594
SSG; Green
Full
W
X
Y
Z
564.5 – 576.5
564.5 – 567.5
567.5 – 570.5
570.5 – 573.5
573.5 – 576.5
SSP; Pure Green
Full
W
X
Y
Z
552.5 – 564.5
552.5 – 555.5
555.5 – 558.5
558.5 – 561.5
561.5 – 564.5
Dominant wavelength is measured with an accuracy of
±1 nm.
Electrical Characteristics at Ta=25
°C.
Vf @ If = 20 mA
Vr @ Ir = 10uA
Minimum (V)
Typical (V)
Maximum (V)
Min.(V)
1.8
2.0
2.4
12
Vf is measured with an accuracy of
±0.1 V.


유사한 부품 번호 - SSO-CLD-QR1-1

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SSO-CLD-QR1-1 DOMINANT-SSO-CLD-QR1-1 Datasheet
1Mb / 16P
   SpiceLED
More results

유사한 설명 - SSO-CLD-QR1-1

제조업체부품명데이터시트상세설명
logo
DOMINANT Semiconductors
SSS-CLD-HJ2-I2 DOMINANT-SSS-CLD-HJ2-I2 Datasheet
779Kb / 11P
   SpiceLED AlInGaP S-Spice
logo
Agilent(Hewlett-Packard...
HSMA-TX25 HP-HSMA-TX25 Datasheet
155Kb / 5P
   Surface Mount High Performance AlInGaP LED Indicators
logo
BRIGHT LED ELECTRONICS ...
BL-PDR-CJS-C10 BRIGHT-BL-PDR-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDR-SRS-C10 BRIGHT-BL-PDR-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDR-TRS-C10 BRIGHT-BL-PDR-TRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
BL-PDY-TJS-C10 BRIGHT-BL-PDY-TJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED
BL-PDG-CJS-C10 BRIGHT-BL-PDG-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDG-SJS-C10 BRIGHT-BL-PDG-SJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDO-CJS-C10 BRIGHT-BL-PDO-CJS-C10 Datasheet
270Kb / 8P
   AlInGaP DOMILED High brightness surface mount LED.
BL-PDY-SRS-C10 BRIGHT-BL-PDY-SRS-C10 Datasheet
279Kb / 8P
   AlInGap DOMILED High brightness surface mount LED.
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com