전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6840 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA6840
상세설명  New In Car Entertainment NICE car radio
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6840 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA6840 Datasheet HTML 1Page - NXP Semiconductors TEA6840 Datasheet HTML 2Page - NXP Semiconductors TEA6840 Datasheet HTML 3Page - NXP Semiconductors TEA6840 Datasheet HTML 4Page - NXP Semiconductors TEA6840 Datasheet HTML 5Page - NXP Semiconductors TEA6840 Datasheet HTML 6Page - NXP Semiconductors TEA6840 Datasheet HTML 7Page - NXP Semiconductors TEA6840 Datasheet HTML 8Page - NXP Semiconductors TEA6840 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
1999 Jul 12
2
Philips Semiconductors
Preliminary specification
New In Car Entertainment (NICE) car radio
TEA6840H
FEATURES
• FM mixer for conversion of FM RF from 65 to 108 MHz
to IF of 10.7 MHz; the mixer provides inherent image
rejection
• FM RF mixer can be set to receive weather band radio
up to 162.55 MHz; weather band radio flag output
• AM mixer 1 for conversion of AM RF to AM IF1
10.7 MHz
• LC tuner oscillator providing mixer frequencies for FM
mixer and AM mixer 1
• AM mixer 2 for conversion of AM IF1 to AM IF2 450 kHz
• Crystal oscillator providing mixer frequencies for AM
mixer 2 and reference for synthesizer PLL, IF count,
timing for Radio Data System (RDS) update and
reference frequency for car audio signal processor IC
• Fast synthesizer PLL tuning system with local control for
inaudible RDS updating
• Timing function for RDS update algorithm and control
signal output for car audio signal processor ICs
(TEA688x, SAA77xx)
• Digital alignment circuit for conversion of LC oscillator
tuning voltage to controlled alignment voltage of FM
antenna tank circuit
• AGC pin diode drive circuit for FM RF AGC; AGC
detection at FM mixer input; the AGC pin diode drive can
be activated by the I2C-bus as a local/distance function;
AGC threshold is a programmable and keyed function
switchable via the I2C-bus
• FM IF linear amplifiers with high dynamic input range
• FM quadrature demodulator with automatic centre
frequency adjustment and Total Harmonic Distortion
(THD) compensation
• Level detector for AM and FM with temperature
compensated output voltage; starting point and slope of
level output is programmable via the I2C-bus
• AM RF pin diode drive circuit; AGC threshold detection
at AM mixer 1 and IF2 AGC input; threshold is
programmable via the I2C-bus; AM IF2 AGC and
demodulator
• AM AF output switchable to provide AM IF2 for AM
stereo decoder
• AM noise blanker with blanking at AM IF2
• Several test modes available for fast IC and system
tests.
GENERAL DESCRIPTION
The TEA6840H is a single chip car radio tuner for AM and
FM intended for microcontroller tuning with the I2C-bus
providing the following functions:
• AM double conversion receiver for LW/MW/SW (31 m,
41 m and 49 m bands) with IF1 = 10.7 MHz and
IF2 = 450 kHz
• FM single conversion receiver with integrated image
rejection for IF = 10.7 MHz capable of selecting US FM,
US weather, Europe FM, East Europe FM and Japan
FM bands.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TEA6840H
QFP64
plastic quad flat package; 64 leads (lead length 1.95 mm);
body 14
× 20 × 2.8 mm
SOT319-2


유사한 부품 번호 - TEA6840

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843HL PHILIPS-TEA6843HL Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6845 PHILIPS-TEA6845 Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
More results

유사한 설명 - TEA6840

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6846H PHILIPS-TEA6846H Datasheet
252Kb / 44P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6845AH PHILIPS-TEA6845AH Datasheet
264Kb / 48P
   New In Car Entertainment NICE car radio
2001 Apr 12
TEA6842H PHILIPS-TEA6842H Datasheet
379Kb / 66P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6843 PHILIPS-TEA6843 Datasheet
363Kb / 62P
   New In Car Entertainment (NICE) extended car radio
2003 Dec 19
TEA6848HL NXP-TEA6848HL Datasheet
1Mb / 62P
   New in car entertainment car radio tuner IC with precision adjacent channel suppression (NICE-PACS)
Rev. 04-29 January 2010
TEA6824T PHILIPS-TEA6824T Datasheet
253Kb / 36P
   In Car Entertainment ICE car radio
1997 May 05
TEA6820T PHILIPS-TEA6820T Datasheet
548Kb / 48P
   In Car Entertainment ICE car radio
1997 Feb 12
TEA6823T PHILIPS-TEA6823T Datasheet
320Kb / 48P
   In Car Entertainment ICE car radio
1998 Mar 24
TEA6849H PHILIPS-TEA6849H Datasheet
405Kb / 65P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2003 Dec 19
TEA6848H PHILIPS-TEA6848H Datasheet
400Kb / 63P
   New In Car Entertainment car radio tuner IC with Precision Adjacent Channel Suppression
2004 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com