전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA6886HL 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 TEA6886HL
상세설명  Up-level Car radio Analog Signal Processor CASP
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA6886HL 데이터시트(HTML) 5 Page - NXP Semiconductors

  TEA6886HL Datasheet HTML 1Page - NXP Semiconductors TEA6886HL Datasheet HTML 2Page - NXP Semiconductors TEA6886HL Datasheet HTML 3Page - NXP Semiconductors TEA6886HL Datasheet HTML 4Page - NXP Semiconductors TEA6886HL Datasheet HTML 5Page - NXP Semiconductors TEA6886HL Datasheet HTML 6Page - NXP Semiconductors TEA6886HL Datasheet HTML 7Page - NXP Semiconductors TEA6886HL Datasheet HTML 8Page - NXP Semiconductors TEA6886HL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
2000 Nov 21
5
Philips Semiconductors
Product specification
Up-level Car radio Analog Signal
Processor (CASP)
TEA6886HL
5
BLOCK DIAGRAM
handbook, full pagewidth
MHB818
50/75
µs
DE-EMPHASIS
AND
AM STEREO INPUT
FM BUFFER
AND
FM NB-GATES
MATRIX
AND
SOFT-MUTE
V/I
CONVERTER
STEREO
DECODER
PLL
INPUT BUFFER
AND
80 kHz
LOW-PASS
STEREO
DECODER
OUTPUT
AVERAGE
DETECTOR
(USN1)
AVERAGE
DETECTOR
(WBAM1)
PEAK
DETECTOR
(USN2)
AVERAGE
DETECTOR
(MUTE/HCC)
AM
GATE
LEVEL
ADC
(6-BIT)
LEVEL
INPUT
BUFFER
20 kHz
BAND-PASS
AND
AMWB
DETECTOR
HCC
SNC
de-emphasis
switch
I2C-BUS
AND
CONTROL LOGIC
I2C-bus
to NICE
I2C-bus
to NICE
from AM/FM
level detector
I2C-bus
detector hold
detector reset
test
NOISE
AND
INTERFERENCE
DETECTOR
FM
PULSE
FORMER
sensitivity
start/
slope
BUS
start/
slope
38 kHz
19 kHz
38 kHz
mute slope
mute start
bus controls
22 k
82 k
100 k
22 k
6
5
4
3
77
76
75
7
8
VDD(5 V)
4.7 nF
10 nF
4.7 nF
74
73
2.7 nF
2.7 nF
72
71
3.3 nF
70
69
65
64
63
59
58 57 56
55
54
53
52
66
67
10 nF
220 nF
68
10
µF
10 nF
3.3 nF
220
nF
33 pF
H
G
E
PEAK
DETECTOR
(WBAM2)
PEAK
DETECTOR
(SNC)
D
C
F
detector
hold
detector
hold
B
A
detector
reset
test
sep.adj.
60 kHz
HIGH-PASS
AND
USN
DETECTOR
PULSE
SEPARATOR
120 kHz
HIGH-PASS
AMPLIFIER
sensitivity
pilot
ind.
MPX
input
RIN 182 kΩ
470 k
100
nF
6.8 nF
100
nF
22
nF
6.8 nF
68 k
10
nF
100 nF
100
k
220 k
33 nF
AM
mono
input
from
NICE
(FMHOLD)
from
NICE
(AFSAMPLE)
fref
(75.4 kHz)
trigger sensitivity
TEA6886HL
AGC
SDAQ
TUSN1
TWBAM1
FMRBUF
FMLBUF
DEEMR
DEEML
FMNCAP
MPXIN
TSNC
MPXRDS
TMUTE
AMNBIN
AMHIN
FMHOLD
Fig.1 Block diagram (continued in Fig.2).


유사한 부품 번호 - TEA6886HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6880 PHILIPS-TEA6880 Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
More results

유사한 설명 - TEA6886HL

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA6880H PHILIPS-TEA6880H Datasheet
328Kb / 88P
   Up-level Car radio Analog Signal Processor CASP
2000 May 08
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
   CAR RADIO SIGNAL PROCESSOR
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
   Car radio signal processor
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
   CAR RADIO SIGNAL PROCESSOR
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
   Car radio signal processor
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
   Car radio signal processor
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N Datasheet
229Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com